Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7012PD Datasheet(PDF) 5 Page - Tyco Electronics

Part # 7012PD
Description  Industrial Electropneumatic Timing Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7012PD Datasheet(HTML) 5 Page - Tyco Electronics

  7012PD Datasheet HTML 1Page - Tyco Electronics 7012PD Datasheet HTML 2Page - Tyco Electronics 7012PD Datasheet HTML 3Page - Tyco Electronics 7012PD Datasheet HTML 4Page - Tyco Electronics 7012PD Datasheet HTML 5Page - Tyco Electronics 7012PD Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1252
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 10-07)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Ordering Information
Typical Part No.
®
70
1
2
A
D
GZ
1. Basic Series:
70 = 7000 series electropneumatic timing relay
2. Operation:
1 = On-delay
3 = On-delay, off-delay (double head)
2 = Off-delay
3. Contact Arrangement:
2 = 2PDT (2 form C)
**4 = 4PDT (4 form C)
4. Coil Voltage:
AC Coils
DC Coils
A = 120VAC, 60 Hz.; 110VAC, 50Hz.
M = 28VDC
B = 240VAC, 60 Hz.; 220VAC, 50Hz.
N = 48VDC
C = 480VAC, 60 Hz.
O = 24VDC
D = 550VAC, 60 Hz.
P = 125VDC
E = 24VAC, 60 Hz.
Q = 12VDC
F = 127VAC, 50 Hz.
R = 60VDC
G = 240VAC, 50Hz.
S = 250VDC
H = 12VAC, 60 Hz.
T = 550VDC
K = Dual voltage (combines A & B)
U = 16VDC
L = Special AC coils (L1, L2, etc.)
V = 32VDC
W = 96VDC
Y = 6VDC
Z = 220VDC
X = Special DC coils (X1, X2, etc.)
5. Timing Range:
Models 7012, 7022 & 7024
†Models 7014 & 7032
A = .1 to 1 sec.
For model 7032 specify separate time
B = .5 to 5 sec.
range code for each head. Example: AB.
C = 1.5 to 15 sec.
Any two ranges may be selected.
D = 5 to 50 sec.
A = .2 to 2 sec.
E = 20 to 200 sec.
B = .7 to 7 sec.
F = 1 to 10 min.
C = 2 to 20 sec.
H = 3 to 30 min.
D = 10 to 100 sec.
I = 6 to 60 min.
E = 30 to 300 sec.
J = 3 to 120 cyc.
F = 1.5 to 15 min.
K = 1 to 300 sec.
H = 3 to 30 min.
6. Options:
A1 = Single quick-connect terminals (note 4).
K = Explosion-proof Enclosure (note 1).
A2 = Double quick-connect terminals (note 4).
L = Auxiliary Switch, instant transfer. 7012 only (notes 2 & 6).
B = Plug-in connectors (note 4).
LL = Two Aux. Switches, instant transfer. On Model 7014 Factory Installed Only. (notes 2 & 6)
GZ = Enclosure with bottom knockouts (note 1).
M = Dust-tight Gasketing (notes 4 & 5).
H2 = Hermetically sealed enclosure, 8 pin solder (notes 1 & 4).
P = Octal Plug Adapter. Can be combined only with options l1,l2. M, S, X, or Y1. (note 4).
H3 = Hermetically sealed enclosure, 8 pin octal (notes 1 & 4).
S = Dial Stops.
H4 = Hermetically sealed enclosure, 8 screw terminal block (notes 1 & 4).
T = Auxiliary Switch, two-step timing (notes 2 & 6).
*H6 = Hermetically sealed enclosure, 11 pin solder (notes 1 & 4).
V = Transient/Surge Protection (for DC coil voltage only).
*H7 = Hermetically sealed enclosure, 11 pin octal (notes 1 & 4).
W = Watertight Enclosure (note 1).
*H8 = Hermetically sealed enclosure, 11 screw terminal block (notes 1 & 4).
X = Panelmount includes hardware and adjustment for horizontal operation (note 4)
l1 = Tamper-proof Cap, opaque black (Cannot be combined with Option X).
Y1 = Horizontal calibration, for horizontal operation without panelmounting (note 4).
l2 = Tamper-proof Cap, transparent (Cannot be combined with Option X).
Y2 = Horizontal calibration, with Compensating Spring for vertical operation (note 4).
Notes:
1. Cannot be combined with B, P or X Options
2. Cannot be combined with B, P or Y2 Options
3. Cannot be combined with GZ, H, l1, l2, K, W or Y1 Options
4. Not Avail. on 4-Pole Models
5. Not Available with L, T or LL options.
6. Not Available on hermetically sealed units.
* Sized to accommodate one L or T Auxiliary Switch
** Not available on On-Delay, Off-Delay (Double Head) model.
† Available with letter calibrated dials only. Upper end of time range may be twice the value shown
†† 120 cycles = 2 sec.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery..
7012AA
7012AB
7012AC
7012AD
7012AE
7012AF
7012AH
7012AK
7012ACL
7012BC
7012NC
7012PA
7012PB
7012PC
7012PD
7012PF
7012PJ
7012PK
7012PKX
7012PJX
7022AA
7022AB
7022AC
7022AD
7022AE
7022AF
7022AH
7022AI
7022AJ
7022AKT
7022BC
7022BK
7022PA
7022PB
7022PC
7022PK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com