Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6909CMS-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6909CMS-PBF
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909CMS-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6909CMS-PBF Datasheet HTML 1Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 2Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 3Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 4Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 5Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 6Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 7Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 8Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC6909
1
6909f
1 to 8 Output, Multiphase
Silicon Oscillator with Spread
Spectrum Modulation
The LTC®6909 is an easy to use precision oscillator that
can provide 1-, 2-, 3-, 4-, 5-, 6-, 7- or 8-phase synchro-
nized outputs. The LTC6909 also offers spread spectrum
frequency modulation (SSFM), which can be enabled to
improve electromagnetic compatibility (EMC) perfor-
mance.
Eight separate outputs provide up to eight rail-to-rail,
50% duty cycle clock signals. Using three logic inputs, the
outputs are configured for phase separation, ranging from
45° to 120° (three to eight phases). The clock outputs can
also be held low or configured for Hi-Z. A single resistor,
combined with the phase configuration, sets the output
frequency, based on the following formula:
fOUT = 20MHz • 10k/(RSET • PH)
where PH = 3, 4, 5, 6, 7 or 8
The LTC6909 can be used in applications requiring only
one or two output phases. Alternatively, the LTC6908
family of parts provides the same two output signals but
in a smaller SOT-23 or 2mm × 3mm DFN package. The
LTC6908-1 provides complimentary (180°) outputs while
the LTC6908-2 provides quadrature (90°) outputs.
■
Synchronizing Multiple Switching Power Supplies
■
1-, 2-, 3-, 4-, 5-, 6-, 7- or 8-Phase Outputs
■
One External Resistor Sets the Output Frequency
from 12.5kHz to 6.67MHz
■
Optional Spread Spectrum Frequency for Improved
EMI Performance
■
±10% Frequency Spreading
■
Outputs Can Be Held Low or Floated (Hi-Z)
■
Three Spread Spectrum Modulation Rates
fOUT/16, fOUT/32 and fOUT/64
■
400μA Supply Current
■
Operates from a Single 2.7V to 5.5V Supply
■
Fast Start-Up Time
■
First Cycle Accurate
■
Outputs Are High Impedance Until Frequency Settles
■
MS16 Package
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Providing a 4-Phase Synchronizing Clock to LTM Modules
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents, including
6342817, 6614313, 7417509.
LTC6909
10V TO 14V
0.1μF
71.5k
0.1μF
0.01μF
ENABLE SSFM
DISABLE SSFM
LTM4601
INTVCC
LTM4601-1
LTM4601-1
LTM4601-1
TRACKING
S0FT-START
1.5V
48A
TRACKING
TRACKING
6909 TA01
V+D
GND
V+A
SET
PH0
PH1
PH2
MOD
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
FREQUENCY
(FUNDAMENTAL AND HARMONICS SHOWN)
150kHz
–20
–10
0
6909 TA01b
–30
–40
–50
30MHz
–20
–10
0
–30
–40
–50
SSFM DISABLED
SSFM ENABLED
SSFM = fOUT/32
150kHz to 30MHz Output
Frequency Spectrum
(9kHz Res BW)


Similar Part No. - LTC6909CMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6909 LINER-LTC6909 Datasheet
312Kb / 22P
1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
logo
Analog Devices
LTC6909 AD-LTC6909 Datasheet
575Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
Rev. C
logo
Linear Technology
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
More results

Similar Description - LTC6909CMS-PBF

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
Multiphase Spread-Spectrum EconOscillator
logo
Linear Technology
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
SPREAD SPECTRUM OSCILLATOR
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
logo
Maxim Integrated Produc...
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com