Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6909HMS-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6909HMS-PBF
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909HMS-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC6909HMS-PBF Datasheet HTML 1Page - Linear Technology LTC6909HMS-PBF Datasheet HTML 2Page - Linear Technology LTC6909HMS-PBF Datasheet HTML 3Page - Linear Technology LTC6909HMS-PBF Datasheet HTML 4Page - Linear Technology LTC6909HMS-PBF Datasheet HTML 5Page - Linear Technology LTC6909HMS-PBF Datasheet HTML 6Page - Linear Technology LTC6909HMS-PBF Datasheet HTML 7Page - Linear Technology LTC6909HMS-PBF Datasheet HTML 8Page - Linear Technology LTC6909HMS-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC6909
5
6909f
Supply Current vs Temperature
Typical Output Resistance
vs Supply Voltage
Output Rise/Fall Time
vs Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
Jitter vs RSET
Output Operating at 3.33MHz
Output Operating at 6.66MHz
Output Frequency Spectrum
SSFM Enable and Disabled
SUPPLY VOLTAGE (V)
3
20
30
50
60
70
4.2 4.4 4.6 4.8
110
6909 G08
40
3.2
2.8
3.4 3.6 3.8 4
5
80
90
100
RSET (Ω)
10k
0
0.4
0.8
1.2
0.2
0.6
1.0
100k
1M
10M
6909 G10
CLOAD = 5pF
V+ = 2.7V, DIV = 8
V+ = 5V, DIV = 8
V+ = 5V, DIV = 3
V+ = 2.7V, DIV = 3
–100
0
2.5 MHz
FREQUENCY (200kHz/DIV)
6909 G13
RES BW = 9kHz
SSFM DISABLED
SSFM ENABLED
(N = 16)
SUPPLY VOLTAGE (V)
6909 G09
2.7
3.2
3.7
4.2
4.7
5.2
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
FALL TIME
RISE TIME
CLOAD = 5pF
TA = 25°C
RLOAD = 5k
500mV/DIV
50ns/DIV
V+ = 3.3V
CLOAD = 15pF
RLOAD = 5k
6909 G11
1V/DIV
50ns/DIV
V+ = 5V
CLOAD = 15pF
RLOAD = 5k
6909 G12
TEMPERATURE (°C)
–20
400
450
500
550
60
80
100
700
6909 G07
–40
0
20
40
120
600
650
V+ = 2.7V
V+ = 5V
RSET = 100k
PH = 3
CLOAD = 5pF
SSFM DISABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com