Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7032AAB Datasheet(PDF) 3 Page - Tyco Electronics

Part # 7032AAB
Description  Industrial Electropneumatic Timing Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7032AAB Datasheet(HTML) 3 Page - Tyco Electronics

  7032AAB Datasheet HTML 1Page - Tyco Electronics 7032AAB Datasheet HTML 2Page - Tyco Electronics 7032AAB Datasheet HTML 3Page - Tyco Electronics 7032AAB Datasheet HTML 4Page - Tyco Electronics 7032AAB Datasheet HTML 5Page - Tyco Electronics 7032AAB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1250
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 10-07)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Operating Modes:
Model 7012/7014: On-delay (delay on pick-up).
Model 7022/7024: Off-delay (delay on drop-out).
Model 7032: On-delay, off-delay (double head).
Timing Adjustment: Timing is set by simply turning the dial to the desired
time value. In the zone of approximately 25° separating the high and low
end of timing ranges A,D,E, and K, instantaneous operation (no time delay)
will occur. All other ranges produce an infinite time delay when the dial is
set in this zone.
Models 7014 and 7032 are available with letter-calibrated dials only. The
upper end of the time ranges in these models may be twice the values
shown.
Linear Timing Ranges:
Models 7012,
Models 7014,
Code
7022, 7024
7032
A
.1 to 1 Sec.
.2 to 2 Sec.
B
.5 to 5 Sec.
.7 to 7 Sec.
C
1.5 to 15 Sec
2 to 20 Sec.
D
5 to 50 Sec.
10 to 100 Sec.
E
20 to 200 Sec.
30 to 300 Sec.
F
1 to 10 Min.
1.5 to 15 Min.
H
3 to 30 Min.
3 to 30 Min.
I
6 to 60 Min.
Not Avail.
J
3 to 120 Cyc.
Not Avail.
K
1 to 300 Sec.
Not Avail.
Repeat Accuracy:
For delays of 200 seconds or less:
7012*, 7022, 7024:
+5%
7014*:
+10%
7032:
+15%
For delays greater than 200 seconds:
7012*, 7022, 7014*, 7024:
+10%
7032:
+15%
* The first time delay afforded by Model 7012 with H (3 to 30 min.) and I (6
to 60 min.) time ranges or Model 7014 with H time range will be approx.
15% longer than subsequent delays due to coil temperature rise.
Reset Time: 50 msec. (except model 7032)
Relay Release Time: 50 msec. for on-delay models (7012/7014)
Relay Operate Time: 50 msec. for off-delay models (7022/7024)
Timing Specifications (All values shown are at nominal voltage and 25°C unless otherwise specified).
Operating Voltage Coil Data (for DPDT)
Operating*
Operating
Coil
Code
Rated
Voltage
Rated
Voltage
Part #
Letter
Voltage
Range
Voltage
Range
@ 60Hz
@50Hz
7000
A
120
102-132
110
93.5-121
B
240
204-264
220
187-242
C
480
408-528
D
550
468-605
E
24
20.5-26.5
AC
F
127
108-140
G
240
204-264
H
12
10.2-13.2
I
6
5.1-6.6
J
208
178-229
K
Dual Voltage Coil
(Combines A&B)
L
Special AC Coils
(L1, L2, etc.)
7010
M
28
22.4-30.8
N
48
38.4-52.8
O
24
19.2-26.4
P
125
100-137.5
Q
12
9.6-13.2
R
60
48-66
DC
S
250
200-275
T
550
440-605
U
16
12.8-17.6
V
32
25.8-35.2
W
96
76.8-105.6
Y
6
4.8-6.6
Z
220
176-242
X
Special DC Coils
(X1, X2, etc.)
*Four pole Models: Operational voltage range 90% to 110% for AC units;
85% to 110% for DC units.
See next column for more coil data.
Minimum operating voltages are based on vertically mounted 7012 units.
7012 horizontally mounted or 7022 vertically or horizontally mounted units
will operate satisfactorily at minimum voltages approximately 5% lower than
those listed.
AC units drop out at approximately 50% of rated voltage. DC units drop out
at approximately 10% of rated voltage.
All units may be operated on intermittent duty cycles at voltages 10% above
the listed maximums (intermittent duty - maximum 50% duty cycle and 30
minutes "on" time.)
Surge/Transient Protection Option Characteristics (DC Timers Only)
Coil Voltage
Max Excess
Max De-energization
Nominal (DC)
Energy Capacity (Joule)
Transient Voltage
12 V
0.4 J
48 V
24 V
1.8 J
93 V
28 V
1.8 J
93 V
32 V
2.5 J
135 V
48 V
3.57 J
145 V
60 V
6 J
250 V
96 V
10 J
340 V
110 V
10 J
340 V
125 V
10 J
340 V
220 V
17 J
366 V
250 V
17 J
366 V
Surge Life
Applied 100,000 times continuously with the interval of 10 seconds at room
temperature. Below 68 VAC: 12A; Above 68 VAC: 35A
Temperature Range
Operating: -22°F to +167°F (-30°C to + 75°C)
Storage:
-40°F to +167°F (-40°C to +75°C)
Output/Life Contact Ratings: Contact Capacity in Amps (Resistive Load)
Contact
Min. 100,000
Min. 1,000,000
Voltage
Operations
Operations
30 VDC
15.0
7.0
110 VDC
1.0
0.5
120 V 60Hz
20.0
15.0
240 V 60Hz
20.0
15.0
480 V 60Hz
12.0
10.0
10 Amps Resistive, 240 VAC
1/4 Horsepower, 120 VAC/240VAC (per pole)
15 Amps 30 VDC (per pole)
5 Amps, General Purpose, 600VAC (per pole)
Dielectric: Withstands 1500 volts RMS 60Hz between terminals and
ground. 1,000 volts RMS 60 Hz between non-connected terminals. For
dielectric specification on hermetically sealed models consult factory.
Insulation Resistance: 500 Megohms with 500VDC applied.
Temperature Range: Operating: -20°F to +165°F (-29°C to 74°C)
Storage:
-67°F to +165°F (-55°C to 74°C)
Temperature Variation: Using a fixed time delay which was set and
measured when the ambient temperature was 77°F (25°C), the maximum
observed shift in the average of three consecutive time delays was -20% at
-20°F (-29°C) and +20% at 165°F (74°C).
Mounting/Terminals: Normal mounting of the basic unit is in a vertical
position, from the back of the panel. A front mounting bracket is also
supplied with each basic unit, for installation from the front of the panel.
All units are calibrated for vertical operation. Basic models (7012, 7022)
may also be horizontally mounted, and will be adjusted accordingly when
Accessory Y1 is specified in your order.
Standard screw terminals (8-32 truss head screws supplied) are located
on the front of the unit, with permanent schematic markings. Barrier
isolation is designed to accommodate spade or ring tongue terminals, with
spacing to meet all industrial control specifications.
The basic Series 7000 may also be panel mounted with the addition of a
panelmount kit that includes all necessary hardware and faceplate. This
offers the convenience of "out-front" adjustment, with large calibrated dial
skirt knob. The faceplate and knob blend with advanced equipment and
console designs, while the body of the unit and its wiring are protected
behind the panel.
Other mounting options include plug-in styles and special configurations
to meet unusual installation requirements. Contact factory for details.
Power Consumption: Approximately 8 watts power at rated voltage .
Approximate Weights:
Models
7012, 7022 . . . . . . . 2 lbs. 4 ozs.
7014, 7024 . . . . . . . 2 lbs. 10 ozs.
7032 . . . . . . . . . . . . 3 lbs. 5 ozs.
Weight may vary slightly with coil voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com