Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2631 Datasheet(PDF) 3 Page - QT Optoelectronics

Part # HCPL2631
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL2631 Datasheet(HTML) 3 Page - QT Optoelectronics

  HCPL2631 Datasheet HTML 1Page - QT Optoelectronics HCPL2631 Datasheet HTML 2Page - QT Optoelectronics HCPL2631 Datasheet HTML 3Page - QT Optoelectronics HCPL2631 Datasheet HTML 4Page - QT Optoelectronics HCPL2631 Datasheet HTML 5Page - QT Optoelectronics HCPL2631 Datasheet HTML 6Page - QT Optoelectronics HCPL2631 Datasheet HTML 7Page - QT Optoelectronics HCPL2631 Datasheet HTML 8Page - QT Optoelectronics HCPL2631 Datasheet HTML 9Page - QT Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
Propagation Delay Time
(Note 4) (TA =25°C)
TPLH
20
45
75
ns
to Output High Level
(RL = 350 !, CL = 15 pF) (Fig. 12)
100
Propagation Delay Time
(Note 5) (TA =25°C)
TPHL
25
45
75
ns
to Output Low Level
(RL = 350 !, CL = 15 pF) (Fig. 12)
100
Pulse Width Distortion
(RL = 350 !, CL = 15 pF) (Fig. 12)
"TPHL-TPLH"
335
ns
Output Rise Time (10-90%)
(RL = 350 !, CL = 15 pF)
tr
50
ns
(Note 6) (Fig. 12)
Output Fall Time (90-10%)
(RL = 350 !, CL = 15 pF)
tf
12
ns
(Note 7) (Fig. 12)
Enable Propagation Delay Time
(IF = 7.5 mA, VEH = 3.5 V)
tELH
20
ns
to Output High Level
(RL = 350 !, CL = 15 pF) (Note 8) (Fig. 13)
Enable Propagation Delay Time
(IF = 7.5 mA, VEH = 3.5 V)
tEHL
20
ns
to Output Low Level
(RL = 350 !, CL = 15 pF) (Note 9) (Fig. 13)
Common Mode Transient Immunity (TA =25°C) "VCM" = 50 V, (Peak)
(at Output High Level)
(IF = 0 mA, VOH (Min.) = 2.0 V)
"CMH"
V/µs
6N137, HCPL-2630
(RL = 350 !) (Note 10)
10,000
HCPL-2601, HCPL-2631
(Fig. 14)
5000
10,000
HCPL-2611
"VCM" = 400 V
10,000
15,000
(RL = 350 !) (IF = 7.5 mA, VOL (Max.) = 0.8 V)
10,000
Common Mode
6N137, HCPL-2630
"VCM" = 50 V (Peak)
"CML"
V/µs
Transient Immunity
HCPL-2601, HCPL-2631
(TA =25°C)
5000
10,000
(at Output Low Level)
(Note 11) (Fig. 14)
HCPL-2611 (TA =25°C)
"VCM" = 400 V
10,000
15,000
SWITCHING CHARACTERISTICS (T
A = -40°C to +85°C, VCC = 5 V, IF = 7.5 mA Unless otherwise specified.)
Parameter
Test Conditions
Symbol
Min
Typ**
Max
Unit
EMITTER
(IF = 10 mA)
VF
1.8
V
Input Forward Voltage
TA =25°C
1.4
1.75
Input Reverse Breakdown Voltage
(IR = 10 µA)
BVR
5.0
V
Input Capacitance
(VF = 0, f = 1 MHz)
CIN
60
pF
Input Diode Temperature Coefficient
(IF = 10 mA)
#VF/#TA
-1.4
mV/°C
DETECTOR
710
High Level Supply Current
Single Channel
(VCC = 5.5 V, IF = 0 mA)
ICCH
mA
Dual Channel
(VE = 0.5 V)
15
20
Low Level Supply Current
Single Channel
(VCC = 5.5 V, IF = 10 mA)
ICCL
913
mA
Dual Channel
(VE = 0.5 V)
19
26
Low Level Enable Current
(VCC = 5.5 V, VE = 0.5 V)
IEL
-0.8
-1.6
mA
High Level Enable Current
(VCC = 5.5 V, VE = 2.0 V)
IEH
-0.6
-1.6
mA
High Level Enable Voltage
(VCC = 5.5 V, IF = 10 mA)
VEH
2.0
V
Low Level Enable Voltage
(VCC = 5.5 V, IF = 10 mA) (Note 3)
VEL
0.8
V
INDIVIDUAL COMPONENT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A = -40°C to +85°C Unless otherwise specified.)
SINGLE-CHANNEL
DUAL-CHANNEL
6N137
HCPL-2630
HCPL-2601
HCPL-2631
HCPL-2611
HIGH SPEED-10 MBit/s
LOGIC GATE OPTOCOUPLERS
8/10/99
200002A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com