Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT522 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT522
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT522 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT522 Datasheet HTML 7Page - ON Semiconductor CAT522 Datasheet HTML 8Page - ON Semiconductor CAT522 Datasheet HTML 9Page - ON Semiconductor CAT522 Datasheet HTML 10Page - ON Semiconductor CAT522 Datasheet HTML 11Page - ON Semiconductor CAT522 Datasheet HTML 12Page - ON Semiconductor CAT522 Datasheet HTML 13Page - ON Semiconductor CAT522 Datasheet HTML 14Page - ON Semiconductor CAT522 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Not Recommended for New Design
CAT522
© 2008 SCILLC. All rights reserved.
11
Doc. No. MD-2004 Rev. I
Characteristics subject to change without notice
Current Source with 4 Decades of Resolution
ISOURCE = 2 ÷ 255mA
VDD
+5V
VREFH
LM385-2.5
BS170P
5µA steps
1mA steps
BS170P
10kΩ
10kΩ
51kΩ
TIP29
+15V
-15V
39Ω 1W
39Ω 1W
5MΩ
5MΩ
CONTROL
&DATA
GND
VREFL
DPP1
CAT522
DPP2
3.9kΩ
5MΩ
5MΩ
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com