Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT705 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT705
Description  關P Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT705 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT705 Datasheet HTML 6Page - ON Semiconductor CAT705 Datasheet HTML 7Page - ON Semiconductor CAT705 Datasheet HTML 8Page - ON Semiconductor CAT705 Datasheet HTML 9Page - ON Semiconductor CAT705 Datasheet HTML 10Page - ON Semiconductor CAT705 Datasheet HTML 11Page - ON Semiconductor CAT705 Datasheet HTML 12Page - ON Semiconductor CAT705 Datasheet HTML 13Page - ON Semiconductor CAT705 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT705, CAT706, CAT813
© 2010 SCILLC. All rights reserved.
11
Doc. No. MD-3030, Rev. D
Characteristics subject to change without notice
PACKAGE OUTLINE DRAWINGS
MSOP 8-Lead 3.0 x 3.0mm (Z)
(1) (2)
Notes:
(1)
All dimensions are in millimeters. Angles in degrees.
(2)
Complies with JEDEC MO-187
θ
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
L1
L2
L
DETAIL A
DETAIL A
SYMBOL
MIN
NOM
MAX
A
1.10
A1
0.05
0.10
0.15
A2
0.75
0.85
0.95
b
0.22
0.38
c
0.13
0.23
D
2.90
3.00
3.10
E
4.80
4.90
5.00
E1
2.90
3.00
3.10
e
0.65 BSC
L
0.40
0.60
0.80
L1
0.95 REF
L2
0.25 BSC
θ
0º
6º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com