Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT809 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT809 Datasheet HTML 6Page - ON Semiconductor CAT809 Datasheet HTML 7Page - ON Semiconductor CAT809 Datasheet HTML 8Page - ON Semiconductor CAT809 Datasheet HTML 9Page - ON Semiconductor CAT809 Datasheet HTML 10Page - ON Semiconductor CAT809 Datasheet HTML 11Page - ON Semiconductor CAT809 Datasheet HTML 12Page - ON Semiconductor CAT809 Datasheet HTML 13Page - ON Semiconductor CAT809 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT803, CAT809, CAT810

Doc. No. MD-3004, Rev. AA
© 200 SCILLC. All rights reserved.
Characteristics subject to change without notice
EXAMPLE Of ORDERInG InfORMATIOn (2) (3) (4)
Prefix
Device #
Suffix
809
S
TBI
G
–
Device Type
803: Open-Drain / Active Low Output
809: Push-Pull / Active Low Output
810: Push-Pull / Active High Output
CAT
Trip Level
L: 4.63V
M: 4.38V
J: 4.00V
T: 3.08V
S: 2.93V
R: 2.63V
Z: 2.32V
Company ID
Package Type(1)
TBI: SOT-23 Green
SDI: SC70 Green
Lead Finish
G: NiPdAu
T3
T: Tape & Reel
3: 3000/Reel
TOP MARKInG
notes:
() All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu. Contact factory for other lead finishes.
(3) The device used in the example above is a CAT809STBI-GT3 (Push-Pull / Active Low Output, trip level of 2.85V to 3.00V NiPdAu, Tape and
Reel, 3,000/Reel).
(4) For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
Device(1)
SOT-23 RoHS
niPdAu
Finish(2)(3)
SC70 RoHS
niPdAu
Finish(2)(3)
CAT803x
RNYM
RN__
CAT809x
NRYM
NR__
CAT80x
NSYM
NS__
notes:
() All theshold trip level options have the same marking.
(2) The “YM” in the SOT-23 package marking indicates the Year and Month of production and the “_” in the SC70 package marking indicates
the assembly location.
(3) All NiPdAu devices will be marked to indicate product type and package. Threshold and full part numbers will be provided on box and reel
labels as well as all Shipping documents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com