Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1232LP Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT1232LP
Description  5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1232LP Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT1232LP Datasheet HTML 4Page - ON Semiconductor CAT1232LP Datasheet HTML 5Page - ON Semiconductor CAT1232LP Datasheet HTML 6Page - ON Semiconductor CAT1232LP Datasheet HTML 7Page - ON Semiconductor CAT1232LP Datasheet HTML 8Page - ON Semiconductor CAT1232LP Datasheet HTML 9Page - ON Semiconductor CAT1232LP Datasheet HTML 10Page - ON Semiconductor CAT1232LP Datasheet HTML 11Page - ON Semiconductor CAT1232LP Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAT1232LP, CAT1832
© 2009 SCILLC. All rights reserved.
11
Doc. No. MD-3018 Rev. F
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
(1)
ORDERING PART NUMBER
Package
Parts per Tube
Parts Per Reel
Reel Size (inch)
CAT1232LPL-G
8-lead, PDIP
50
—
—
CAT1232LPV-GT3
8-lead, SOIC
—
3,000
13
CAT1232LPZ-GT3
8-lead, MSOP
—
3,000
13
CAT1232LPW-T2
16-lead, SOIC
—
2,000
13
CAT1832L-G
8-lead, PDIP
50
—
—
CAT1832V-GT3
8-lead, SOIC
—
3,000
13
CAT1832Z-GT3
8-lead, MSOP
—
3,000
13
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a CAT1232LPV-GT3 (SOIC 8-Lead, NiPdAu, Tape & Reel).
(4) For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
(5) The SOIC 16-Lead package is only available in Matte-Tin finish.
Prefix
Device #
Suffix
CAT
1232LP
V
– G
T3
Company ID
Package
L: PDIP
V: SOIC 8-Lead
W: SOIC 16-Lead
(5)
Z: MSOP
Product Number
1232LP
1832
Tape & Reel
T: Tape & Reel
2: 2,000/Reel
3: 3,000/Reel
Lead Finish
Blank: Matte-Tin
G: NiPdAu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com