Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3200 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3200 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT3200 Datasheet HTML 1Page - ON Semiconductor CAT3200 Datasheet HTML 2Page - ON Semiconductor CAT3200 Datasheet HTML 3Page - ON Semiconductor CAT3200 Datasheet HTML 4Page - ON Semiconductor CAT3200 Datasheet HTML 5Page - ON Semiconductor CAT3200 Datasheet HTML 6Page - ON Semiconductor CAT3200 Datasheet HTML 7Page - ON Semiconductor CAT3200 Datasheet HTML 8Page - ON Semiconductor CAT3200 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT3200, CAT3200−5
http://onsemi.com
2
ABME = CAT3200ZI-T3
ABRU = CAT3200ZI-GT3
LN = CAT3200TDI-T3
VA = CAT3200TDI-GT3
Y = Production Year (Last Digit)
M = Production Month (1-9, A, B, C)
R = Production Revision
MARKING DIAGRAMS
LNYM
VAYM
ABME
YMR
ABRU
YMR
Typical Application
Figure 1. Typical Application − 5 V Output
CAT3200−5
GND
+
−
3.3 V
CAT3200
GND
+
−
3.3 V
5 V
100 mA
FB
100 mA
1 mF
1 mF
ON OFF
IN
1 mF
OUT
VIN
SHDN
CNEG
CPOS
VOUT
1 mF
VIN
ON OFF
1 mF
IN
OUT
1 mF
CNEG
CPOS
VOUT
R2
R1
SHDN
VOUT = 5 V
IOUT ≤ 50 mA, for VIN ≥ 2.8 V
IOUT ≤ 90 mA, for VIN ≥ 3 V
VOUT + 1.27 V 1 )
R1
R2
Figure 2. Typical Application − Adjustable Output
Table 1. PIN DESCRIPTIONS
Designation
Description
OUT
Regulated output voltage.
GND
Ground reference for all voltages.
SHDN
Shutdown control logic input (Active LOW)
CNEG
Negative connection for the flying capacitor.
IN
Input power supply.
CPOS
Positive connection for the flying capacitor.
FB
Feedback to set the output voltage.
PGND
Power ground.
SGND
Signal ground.
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
VIN, VOUT, SHDN, CNEG, CPOS Voltage
−0.6 to +6.0
V
VOUT Short Circuit Duration
Indefinite
Output Current
200
mA
ESD Protection (HBM)
2000
V
Junction Temperature
150
°C
Storage Temperature Range
−65 to +160
°C
Lead Soldering Temperature (10 sec)
300
°C
Power Dissipation (SOT23−6)
0.3
W
Power Dissipation (8−MSOP)
0.5
W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com