Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3604V Datasheet(PDF) 12 Page - ON Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode LED Driver with Open/Short LED Detection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604V Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CAT3604V Datasheet HTML 6Page - ON Semiconductor CAT3604V Datasheet HTML 7Page - ON Semiconductor CAT3604V Datasheet HTML 8Page - ON Semiconductor CAT3604V Datasheet HTML 9Page - ON Semiconductor CAT3604V Datasheet HTML 10Page - ON Semiconductor CAT3604V Datasheet HTML 11Page - ON Semiconductor CAT3604V Datasheet HTML 12Page - ON Semiconductor CAT3604V Datasheet HTML 13Page - ON Semiconductor CAT3604V Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CAT3604V
http://onsemi.com
12
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN = 3.6 V, IOUT = 80 mA (4 LEDs at 20 mA), CIN = COUT = C1 = C2 = 1 mF, TAMB = 25°C unless otherwise specified.)
Figure 29. 10 kHz PWM Waveform
(1x Mode)
Figure 30. 10 kHz PWM Waveform
(1.33x Mode)
Figure 31. 300 Hz PWM Waveform (1x Mode)
Figure 32. Dimming Linearity, PWM at 200 Hz
DUTY CYCLE (%)
100
80
60
40
20
0
0
20
40
60
80
100
Figure 33. Dimming Linearity, PWM at 500 Hz
Figure 34. Dimming Linearity, PWM at 30 kHz
DUTY CYCLE (%)
DUTY CYCLE (%)
100
80
60
40
20
0
0
20
40
60
80
100
100
80
60
40
20
0
0
20
40
60
80
100
1.33x Mode
VIN = 3.5 V
1x Mode
VIN = 4 V
1.33x Mode
VIN = 3.5 V
1x Mode
VIN = 4 V
1.33x Mode
VIN = 3.5 V
1x Mode
VIN = 4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com