Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V1G66 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V1G66
Description  Single bilateral switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G66 Datasheet(HTML) 4 Page - STMicroelectronics

  74V1G66 Datasheet HTML 1Page - STMicroelectronics 74V1G66 Datasheet HTML 2Page - STMicroelectronics 74V1G66 Datasheet HTML 3Page - STMicroelectronics 74V1G66 Datasheet HTML 4Page - STMicroelectronics 74V1G66 Datasheet HTML 5Page - STMicroelectronics 74V1G66 Datasheet HTML 6Page - STMicroelectronics 74V1G66 Datasheet HTML 7Page - STMicroelectronics 74V1G66 Datasheet HTML 8Page - STMicroelectronics 74V1G66 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Maximum rating
74V1G66
4/15
Table 6.
DC specifications
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min
Typ
Max
Min
Max
Min
Max
VIH
High level input
voltage
2.0
1.5
1.5
1.5
V
2.7 to
5.5
0.7VC
C
0.7V
CC
0.7V
CC
VIL
Low level input
voltage
2.0
0.5
0.5
0.5
V
2.7 to
5.5
0.3VC
C
0.3V
CC
0.3V
CC
RON
ON resistance
3.3(1)
VIC = VIH
VI/O = VCC to
GND
II/O ≤1mA
12.5
21
23
27
Ω
5.0(2)
7.5
10
12
14
RON
ON resistance
3.3(1)
VIC = VIH
VI/O = VCC or
GND
II/O ≤ 1mA
8.5
11.5
12.5
15
Ω
5.0(2)
6.5
8.5
10
12
IOFF
Input/output
leakage current
(switch OFF)
5.5
VOS = VCC to
GND
VIS = VCC to
GND
VIC = VIL
±0.1
± 1
± 5
μA
IIZ
Switch input
leakage current
(switch ON, output
open)
5.5
VOS = VCC to
GND
VIC = VIH
±0.1
± 1
± 5
μA
IIN
Control input
leakage current
0 to
5.5
VIC = 5.5V or
GND
± 0.1
± 1.0
± 1.0
μA
ICC
Quiescent supply
current
5.5
VI = VCC or
GND
110
20
μA
1.
Voltage range is 3.3 V ± 0.3 V.
2.
Voltage range is 5 V ± 0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com