Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND670SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND670SP
Description  Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND670SP Datasheet(HTML) 1 Page - STMicroelectronics

  VND670SP_08 Datasheet HTML 1Page - STMicroelectronics VND670SP_08 Datasheet HTML 2Page - STMicroelectronics VND670SP_08 Datasheet HTML 3Page - STMicroelectronics VND670SP_08 Datasheet HTML 4Page - STMicroelectronics VND670SP_08 Datasheet HTML 5Page - STMicroelectronics VND670SP_08 Datasheet HTML 6Page - STMicroelectronics VND670SP_08 Datasheet HTML 7Page - STMicroelectronics VND670SP_08 Datasheet HTML 8Page - STMicroelectronics VND670SP_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
December 2008
Rev 2
1/20
20
VND670SP
Dual high-side switch with dual Power MOSFET
gate driver (bridge configuration)
Features
■ 5V logic level compatible inputs
■ Gate drive for two external power MOSFET
■ Undervoltage and overvoltage shutdown
■ Overvoltage clamp
■ Thermal shutdown
■ Cross-conduction protection
■ Current limitation
■ Very low standby power consumption
■ PWM operation up to 10 KHz
■ Protection against loss of ground and loss of
VCC
■ Reverse battery protection
Description
The VND670SP is a monolithic device made
using STMicroelectronics VIPower technology
M0-3, intended for driving motors in full bridge
configuration. The device integrates two 30 mW
Power MOSFET in high-side configuration, and
provides gate drive for two external Power
MOSFET used as low side switches. INA and INB
allow to select clockwise or counter clockwise
drive or brake; DIAGA/ENA, DIAGB/ENB allow to
disable one half bridge and feedback diagnostic.
Built-in thermal shutdown, combined with a
current limiter, protects the chip in
overtemperature and short circuit conditions.
Short to battery protects the external connected
low-side Power MOSFET.
Type
RDS(on)
IOUT
VCC
VND670SP
30m
Ω(1)
1.
Per each channel.
15A(1)
40V
PowerSO-10
1
10
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-10
VND670SP
VND670SP13TR
www.st.com


Similar Part No. - VND670SP_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND670SP STMICROELECTRONICS-VND670SP Datasheet
89Kb / 13P
DUAL HIGH SIDE SWITCH WITH DUAL POWER MOS GATE DRIVER BRIDGE CONFIGURATION
Jan-2003
More results

Similar Description - VND670SP_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND670SP STMICROELECTRONICS-VND670SP Datasheet
89Kb / 13P
DUAL HIGH SIDE SWITCH WITH DUAL POWER MOS GATE DRIVER BRIDGE CONFIGURATION
Jan-2003
logo
Linear Technology
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
Dual 24V High-Side MOSFET Driver
logo
Sensitron
SPM4007010 SENSITRON-SPM4007010 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
logo
Linear Technology
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1255 LINER-LTC1255_15 Datasheet
293Kb / 16P
Dual 24V High-Side MOSFET Driver
logo
ON Semiconductor
NCP81075 ONSEMI-NCP81075 Datasheet
124Kb / 13P
High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81080 ONSEMI-NCP81080 Datasheet
146Kb / 12P
High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
logo
Analog Devices
LTC7067 AD-LTC7067 Datasheet
617Kb / 14P
150V Dual High-Side MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com