Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW45NM50FD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW45NM50FD
Description  N-channel 500 V, 0.07 Ω, 45 A, TO-247 FDmesh??Power MOSFET (with fast diode)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW45NM50FD Datasheet(HTML) 1 Page - STMicroelectronics

  STW45NM50FD_09 Datasheet HTML 1Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 2Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 3Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 4Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 5Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 6Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 7Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 8Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2009
Doc ID 7955 Rev 10
1/12
12
STW45NM50FD
N-channel 500 V, 0.07
Ω, 45 A, TO-247
FDmesh™ Power MOSFET (with fast diode)
Features
■ 100% avalanche tested
■ High dv/dt and avalanche capabilities
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
■ Switching applications
Description
The FDmesh™ associates all advantages of
reduced on-resistance and fast switching with an
intrinsic fast-recovery body diode. It is therefore
strongly recommended for bridge topologies, in
particular ZVS phase-shift converters.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STW45NM50FD
500 V
< 0.1
Ω
45 A
TO-247
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STW45NM50FD
W45NM50FD
TO-247
Tube
www.st.com


Similar Part No. - STW45NM50FD_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW45NM50FD STMICROELECTRONICS-STW45NM50FD Datasheet
255Kb / 8P
N-CHANNEL 500V - 0.07ohm - 45A TO-247 FDmesh™ Power MOSFET With FAST DIODE
Jun-2002
logo
Inchange Semiconductor ...
STW45NM50FD ISC-STW45NM50FD Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW45NM50FD_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW20NM50FD STMICROELECTRONICS-STW20NM50FD Datasheet
248Kb / 8P
N-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh™ Power MOSFET with FAST DIODE
Jun-2002
STW45NM50FD STMICROELECTRONICS-STW45NM50FD Datasheet
255Kb / 8P
N-CHANNEL 500V - 0.07ohm - 45A TO-247 FDmesh™ Power MOSFET With FAST DIODE
Jun-2002
STP20NM60FD STMICROELECTRONICS-STP20NM60FD Datasheet
341Kb / 15P
N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
01-Aug-2006
STW29NK50ZD STMICROELECTRONICS-STW29NK50ZD Datasheet
95Kb / 7P
N-CHANNEL 500 V - 0.11??- 29A TO-247 Fast Diode SuperMESH??MOSFET
2004-Dec-06
STW55NM60ND STMICROELECTRONICS-STW55NM60ND Datasheet
147Kb / 9P
N-channel 600 V - 0.047 Ω - 51 A TO-247 FDmesh??II Power MOSFET (with fast diode)
16-Nov-2007
STB12NM50ND STMICROELECTRONICS-STB12NM50ND Datasheet
584Kb / 13P
N-channel 500 V, 0.29 Ω, 11 A, FDmesh??II Power MOSFET (with fast diode), D2PAK, DPAK
23-Sep-2008
STW43NM60ND STMICROELECTRONICS-STW43NM60ND Datasheet
627Kb / 12P
N-channel 600 V, 0.075 Ω, 35 A TO-247 FDmesh??Power MOSFET (with fast diode
16-Feb-2010
STW54NM65ND STMICROELECTRONICS-STW54NM65ND Datasheet
550Kb / 13P
N-channel 650 V, 0.055 廓, 49 A TO-247 FDmesh??II Power MOSFET
03-Jun-2011
STW47NM60ND STMICROELECTRONICS-STW47NM60ND Datasheet
1Mb / 12P
N-channel 600 V, 0.075 廓 typ., 35 A FDmesh??II Power MOSFET (with fast diode) in a TO-247 package
30-Nov-2012
STW45NM60D STMICROELECTRONICS-STW45NM60D Datasheet
575Kb / 12P
N-channel 600 V, 0.09 Ω, 45 A TO-247 FDmesh™ Power MOSFET (with fast diode)
08-Jun-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com