Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH511CF Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH511CF
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CF Datasheet(HTML) 1 Page - STMicroelectronics

  TSH511CF Datasheet HTML 1Page - STMicroelectronics TSH511CF Datasheet HTML 2Page - STMicroelectronics TSH511CF Datasheet HTML 3Page - STMicroelectronics TSH511CF Datasheet HTML 4Page - STMicroelectronics TSH511CF Datasheet HTML 5Page - STMicroelectronics TSH511CF Datasheet HTML 6Page - STMicroelectronics TSH511CF Datasheet HTML 7Page - STMicroelectronics TSH511CF Datasheet HTML 8Page - STMicroelectronics TSH511CF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
November 2007
Rev 5
1/25
25
TSH511
Hi-fi stereo/mono infrared receiver
and stereo sub-carrier demodulator
Features
Supply voltage: 2.3V to 5.5V
Carriers frequency range: 0.4MHz to 11MHz
Two FM receivers for stereo
Integrated audio buffers
Audio outputs: 20mW into 16 ohms
High sensitivity: 4µV @12dB SINAD
Flexibility: access pins for each section
Receiver 2 Standby for mono operation
Applications
Infrared hi-fi stereo receiver
Infrared multimedia headsets
Stereo sub-carrier demodulator
FM IF receiver systems
Power line carrier intercoms
Description
The TSH511 is a 0.4 to 11MHz dual FM receiver.
This circuit offers the functions needed for a
highly sensitive infrared hi-fi stereo receiver.
Featuring high input sensitivity and high input
dynamic range, each receiver integrates an RF
front-end LNA, an intermediate amplifier with 2
external filters, a voltage limiter, a quadrature FM
demodulator, and finally an audio buffer.
The integrated audio buffers are able to directly
drive a 16-ohm headphone with 20mW. A squelch
circuit mutes both audio amplifiers.
Access pins to each section makes the TSH511
suited for a wide field of applications.
For mono applications, the standby pin enables
one receiver only, reducing the supply current.
The TSH511 forms a chipset with the dual
transmitter TSH512.
F
TQFP44
10 x 10 mm
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
TSH511
Audio
buffers
Standby
RX1
RX2
SQUELCH
Vref
LNA
amp.
limiter
FM demodulator
limiter
amp.
FM demodulator
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
TSH511
Audio
buffers
Standby
RX1
RX2
SQUELCH
Vref
LNA
amp.
limiter
FM demodulator
limiter
amp.
FM demodulator
Pin connections
(top view)
www.st.com


Similar Part No. - TSH511CF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH511CF STMICROELECTRONICS-TSH511CF Datasheet
1Mb / 18P
HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
Dec-2002
TSH511CFT STMICROELECTRONICS-TSH511CFT Datasheet
1Mb / 18P
HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
Dec-2002
More results

Similar Description - TSH511CF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
Hi-fi stereo audio processor; I2C bus
May 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
Hi-fi stereo audio processor; I2C-bus
October 1988
logo
STMicroelectronics
TSH511 STMICROELECTRONICS-TSH511 Datasheet
1Mb / 18P
HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
Dec-2002
TSH512 STMICROELECTRONICS-TSH512 Datasheet
1Mb / 19P
HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
Dec-2002
logo
Texas Instruments
SN76110 TI-SN76110 Datasheet
313Kb / 6P
Stereo demodulator
logo
List of Unclassifed Man...
500028 ETC2-500028 Datasheet
57Kb / 2P
Stereo Hi-Fi Balun
logo
STMicroelectronics
TSH512 STMICROELECTRONICS-TSH512_09 Datasheet
1Mb / 31P
Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
28-May-2009
logo
NXP Semiconductors
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
Hi-fi stereo audio processor; I2C-bus
October 1988
logo
Rohm
BU2682MUV-E2 ROHM-BU2682MUV-E2 Datasheet
41Kb / 2P
Broadcast station-level Hi-Fi stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com