Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5115 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CAT5115
Description  32-Tap Digitally Programmable Potentiometer (DPP??
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5115 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CAT5115 Datasheet HTML 6Page - ON Semiconductor CAT5115 Datasheet HTML 7Page - ON Semiconductor CAT5115 Datasheet HTML 8Page - ON Semiconductor CAT5115 Datasheet HTML 9Page - ON Semiconductor CAT5115 Datasheet HTML 10Page - ON Semiconductor CAT5115 Datasheet HTML 11Page - ON Semiconductor CAT5115 Datasheet HTML 12Page - ON Semiconductor CAT5115 Datasheet HTML 13Page - ON Semiconductor CAT5115 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CAT5115
© 2009 SCILLC. All rights reserved.
13
Doc. No. MD-2117 Rev. J
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION(1)
ORDERING INFORMATION
ORDERABLE PART NUMBER
CAT5115LI-10-G
CAT5115LI-50-G
CAT5115LI-00-G
CAT5115VI-10-GT3
CAT5115VI-50-GT3
CAT5115VI-00-GT3
CAT5115YI-10-GT3
CAT5115YI-50-GT3
CAT5115YI-00-GT3
CAT5115ZI-10-GT3
CAT5115ZI-50-GT3
CAT5115ZI-00-GT3
CAT5115ZD7I-10-T3
(6)
CAT5115ZD7I-50-T3
(6)
CAT5115ZD7I-00-T3
(6)
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) This device used in the above example is a CAT5115VI-10-GT3 (SOIC, Industrial Temperature, 10kΩ, NiPdAu, Tape & Reel).
(4) For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
(5) TDFN is not available in NiPdAu (-G) version.
(6) Contact factory for package availability.
Prefix
Device #
Suffix
CAT
5115
V
I
-10
–
G T3
Optional
Company ID
Temperature Range
I = Industrial (-40ºC to 85ºC)
Resistance
-10: 10 kΩ
-50: 50 kΩ
-00: 100 kΩ
Lead Finish
Blank: Matte-Tin
G: NiPdAu
Package
L: PDIP
V: SOIC
Y: TSSOP
Z: MSOP
ZD7: TDFN
(5)
Tape & Reel
T: Tape & Reel
3: 3000/Reel
Product Number
5115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com