Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F324J6T3 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST72F324J6T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J6T3 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST72F324J6T3 Datasheet HTML 32Page - STMicroelectronics ST72F324J6T3 Datasheet HTML 33Page - STMicroelectronics ST72F324J6T3 Datasheet HTML 34Page - STMicroelectronics ST72F324J6T3 Datasheet HTML 35Page - STMicroelectronics ST72F324J6T3 Datasheet HTML 36Page - STMicroelectronics ST72F324J6T3 Datasheet HTML 37Page - STMicroelectronics ST72F324J6T3 Datasheet HTML 38Page - STMicroelectronics ST72F324J6T3 Datasheet HTML 39Page - STMicroelectronics ST72F324J6T3 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 164 page
background image
ST72324Jx ST72324Kx
36/164
INTERRUPTS (Cont’d)
Table 8. Interrupt Mapping
Notes:
1. In Flash devices only a RESET or MCC/RTC interrupt can be used to wake-up from Active Halt mode.
7.6 EXTERNAL INTERRUPTS
7.6.1 I/O Port Interrupt Sensitivity
The external interrupt sensitivity is controlled by
the IPA, IPB and ISxx bits of the EICR register
(Figure 21). This control allows to have up to 4 fully
independent external interrupt source sensitivities.
Each external interrupt source can be generated
on four (or five) different events on the pin:
■ Falling edge
■ Rising edge
■ Falling and rising edge
■ Falling edge and low level
■ Rising edge and high level (only for ei0 and ei2)
To guarantee correct functionality, the sensitivity
bits in the EICR register can be modified only
when the I1 and I0 bits of the CC register are both
set to 1 (level 3). This means that interrupts must
be disabled before changing sensitivity.
The pending interrupts are cleared by writing a dif-
ferent value in the ISx[1:0], IPA or IPB bits of the
EICR.
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT/
ACTIVE
HALT1)
Address
Vector
RESET
Reset
N/A
yes
FFFEh-FFFFh
TRAP
Software interrupt
no
FFFCh-FFFDh
0
Not used
FFFAh-FFFBh
1
MCC/RTC
Main clock controller time base interrupt
MCCSR
Higher
Priority
yes
FFF8h-FFF9h
2
ei0
External interrupt port A3..0
N/A
yes
FFF6h-FFF7h
3
ei1
External interrupt port F2..0
yes
FFF4h-FFF5h
4
ei2
External interrupt port B3..0
yes
FFF2h-FFF3h
5
ei3
External interrupt port B7..4
yes
FFF0h-FFF1h
6
Not used
FFEEh-FFEFh
7
SPI
SPI peripheral interrupts
SPICSR
yes
FFECh-FFEDh
8
TIMER A
TIMER A peripheral interrupts
TASR
no
FFEAh-FFEBh
9
TIMER B
TIMER B peripheral interrupts
TBSR
no
FFE8h-FFE9h
10
SCI
SCI Peripheral interrupts
SCISR
Lower
Priority
no
FFE6h-FFE7h
11
AVD
Auxiliary Voltage detector interrupt
SICSR
no
FFE4h-FFE5h
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com