Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C01-WDW3TP/S Datasheet(PDF) 29 Page - STMicroelectronics

Part # M24C01-WDW3TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-WDW3TP/S Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M24C01-WDW3TP/S Datasheet HTML 25Page - STMicroelectronics M24C01-WDW3TP/S Datasheet HTML 26Page - STMicroelectronics M24C01-WDW3TP/S Datasheet HTML 27Page - STMicroelectronics M24C01-WDW3TP/S Datasheet HTML 28Page - STMicroelectronics M24C01-WDW3TP/S Datasheet HTML 29Page - STMicroelectronics M24C01-WDW3TP/S Datasheet HTML 30Page - STMicroelectronics M24C01-WDW3TP/S Datasheet HTML 31Page - STMicroelectronics M24C01-WDW3TP/S Datasheet HTML 32Page - STMicroelectronics M24C01-WDW3TP/S Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Package mechanical data
Doc ID 5067 Rev 16
29/39
Figure 15.
UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead
2 x 3 mm, outline
1.
Drawing is not to scale.
2.
The central pad (the area E2 by D2 in the above illustration) is pulled, internally, to VSS. It must not be
allowed to be connected to any other voltage or signal line on the PCB, for example during the soldering
process.
3.
The circle in the top view of the package indicates the position of pin 1.
Table 21.
UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead
2 x 3 mm, data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.55
0.45
0.6
0.0217
0.0177
0.0236
A1
0.02
0
0.05
0.0008
0
0.002
b
0.25
0.2
0.3
0.0098
0.0079
0.0118
D
2
1.9
2.1
0.0787
0.0748
0.0827
D2 (rev MB)
1.6
1.5
1.7
0.063
0.0591
0.0669
D2 (rev MC)
1.45
1.7
0.0571
0.0669
E
3
2.9
3.1
0.1181
0.1142
0.122
E2 (rev MB)
0.2
0.1
0.3
0.0079
0.0039
0.0118
E2 (rev MC)
1.25
1.6
0.0492
0.063
e
0.5
-
-
0.0197
-
-
K
-
0.3
-
-
0.0118
-
L
-
0.3
0.5
-
0.0118
0.0197
L1
-
-
0.15
-
0.0059
L3
0.3
-
-
0.0118
-
ddd(2)
2.
Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from
measuring.
0.05
-
-
0.002
-
-
D
E
ZW_MEc
A
A1
ddd
L1
e
b
D2
L
E2
L3
L1
e
b
D2
L
E2
L3
Pin 1
K
K
REV MB
REV MC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com