Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9534 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CAT9534
Description  8-bit I짼C and SMBus I/O Port with Interrupt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9534 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CAT9534 Datasheet HTML 8Page - ON Semiconductor CAT9534 Datasheet HTML 9Page - ON Semiconductor CAT9534 Datasheet HTML 10Page - ON Semiconductor CAT9534 Datasheet HTML 11Page - ON Semiconductor CAT9534 Datasheet HTML 12Page - ON Semiconductor CAT9534 Datasheet HTML 13Page - ON Semiconductor CAT9534 Datasheet HTML 14Page - ON Semiconductor CAT9534 Datasheet HTML 15Page - ON Semiconductor CAT9534 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CAT9534
© 2010 SCILLC. All rights reserved
13
Doc. No. MD-9004 Rev. D
Characteristics subject to change without notice
TSSOP 16-Lead 4.4mm (Y)
(1) (2)
Notes:
(1)
All dimensions are in millimeters. Angles in degrees.
(2)
Complies with JEDEC standard MO-153.
PIN#1
IDENTIFICATION
θ1
A1
A2
D
TOP VIEW
SIDE VIEW
END VIEW
e
E1 E
b
L1
c
L
A
SYMBOL
MIN
NOM
MAX
A
1.10
A1
0.05
0.15
A2
0.85
0.95
b
0.19
0.30
c
0.13
0.20
D
4.90
5.10
E
6.30
6.50
E1
4.30
4.50
e
0.65 BSC
L
1.00 REF
L1
0.45
0.75
θ1
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com