Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3157 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG3157
Description  Low voltage low on-resistance SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG3157_10 Datasheet HTML 2Page - STMicroelectronics STG3157_10 Datasheet HTML 3Page - STMicroelectronics STG3157_10 Datasheet HTML 4Page - STMicroelectronics STG3157_10 Datasheet HTML 5Page - STMicroelectronics STG3157_10 Datasheet HTML 6Page - STMicroelectronics STG3157_10 Datasheet HTML 7Page - STMicroelectronics STG3157_10 Datasheet HTML 8Page - STMicroelectronics STG3157_10 Datasheet HTML 9Page - STMicroelectronics STG3157_10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STG3157
6/18
Doc ID 9007 Rev 2
Symbol Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
RFLAT
On-
resistance
flatness
5.0
VS = 0V to
VCC
IS = 30mA
3
Ω
3.3
VS = 0V to
VCC
IS = 24mA
6
2.5
VS = 0V to
VCC
IS = 8mA
14
1.8
VS = 0V to
VCC
IS = 4mA
80
IOFF
OFF state
leakage
current
1.65-195
VS = 0 to
VCC
±0.05
±0.1
±1
±10
μA
IIN
Input
leakage
current
0 - 5.5
VIN = 0 to
5.5V
±0.05
±0.1
±1
±10
μA
ICC
Quiescent
supply
current
1.65 - 4.3
VIN = VCC
or GND
11
10
μA
Table 6.
DC specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com