Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS616IDWT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS616IDWT
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDWT Datasheet(HTML) 1 Page - STMicroelectronics

  TS616IDWT Datasheet HTML 1Page - STMicroelectronics TS616IDWT Datasheet HTML 2Page - STMicroelectronics TS616IDWT Datasheet HTML 3Page - STMicroelectronics TS616IDWT Datasheet HTML 4Page - STMicroelectronics TS616IDWT Datasheet HTML 5Page - STMicroelectronics TS616IDWT Datasheet HTML 6Page - STMicroelectronics TS616IDWT Datasheet HTML 7Page - STMicroelectronics TS616IDWT Datasheet HTML 8Page - STMicroelectronics TS616IDWT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
September 2008
Rev 5
1/37
37
TS616
Dual wide band operational amplifier
with high output current
Features
Low noise: 2.5 nV/
√Hz
High output current: 420 mA
Very low harmonic and intermodulation
distortion
High slew rate: 420 V/µs
-3dB bandwidth: 40 MHz @ gain = 12 dB on
25
Ω single-ended load
20.7 Vp-p differential output swing on 50
Ω
load, 12 V power supply
Current feedback structure
5 V to 12 V power supply
Specified for 20
Ω and 50 Ω differential load
Applications
Line driver for xDSL
Multiple video line driver
Description
The TS616 is a dual operational amplifier
featuring a high output current of 410 mA. This
driver can be configured differentially for driving
signals in telecommunication systems using
multiple carriers. The TS616 is ideally suited for
xDSL (high speed asymmetrical digital subscriber
line) applications. This circuit is capable of driving
a 10
Ω or 25 Ω load on a range of power supplies:
±2.5 V, 5 V, ±6 V or +12 V. The TS616 is capable
of reaching a -3 dB bandwidth of 40 MHz on 25
Ω
load with a 12 dB gain. This device is designed for
high slew rates and demonstrates low harmonic
distortion and intermodulation.
DW
SO-8 Exposed-pad
(Plastic micropackage)
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
Output1
Non Inverting Input2
Inverting Input2
Cross Section View Showing Exposed-Pad.
This pad must be connected to a (-Vcc) copper area on the PCB
-
-
+
+
dice
Pad
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
Output1
Non Inverting Input2
Inverting Input2
Cross Section View Showing Exposed-Pad.
This pad must be connected to a (-Vcc) copper area on the PCB
-
-
+
+
dice
Pad
Pin connections (top view)
www.st.com


Similar Part No. - TS616IDWT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS616IDWT STMICROELECTRONICS-TS616IDWT Datasheet
2Mb / 27P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS616IDWT STMICROELECTRONICS-TS616IDWT Datasheet
665Kb / 36P
Dual wide band operational amplifier with high output current
16-Apr-2007
More results

Similar Description - TS616IDWT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
STMicroelectronics
TS612 STMICROELECTRONICS-TS612 Datasheet
135Kb / 11P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
May-2000
TS613 STMICROELECTRONICS-TS613 Datasheet
89Kb / 2P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Rev 1
TS615 STMICROELECTRONICS-TS615 Datasheet
982Kb / 27P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS616 STMICROELECTRONICS-TS616 Datasheet
2Mb / 27P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS612 STMICROELECTRONICS-TS612_02 Datasheet
135Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS613 STMICROELECTRONICS-TS613_02 Datasheet
142Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS615 STMICROELECTRONICS-TS615_04 Datasheet
905Kb / 36P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2004
TS616 STMICROELECTRONICS-TS616_07 Datasheet
665Kb / 36P
Dual wide band operational amplifier with high output current
16-Apr-2007
logo
Texas Instruments
ALM2402F-Q1 TI1-ALM2402F-Q1 Datasheet
543Kb / 23P
Automotive, Dual Operational Amplifier With High Current Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com