Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH80IYLT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSH80IYLT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYLT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSH80IYLT Datasheet HTML 12Page - STMicroelectronics TSH80IYLT Datasheet HTML 13Page - STMicroelectronics TSH80IYLT Datasheet HTML 14Page - STMicroelectronics TSH80IYLT Datasheet HTML 15Page - STMicroelectronics TSH80IYLT Datasheet HTML 16Page - STMicroelectronics TSH80IYLT Datasheet HTML 17Page - STMicroelectronics TSH80IYLT Datasheet HTML 18Page - STMicroelectronics TSH80IYLT Datasheet HTML 19Page - STMicroelectronics TSH80IYLT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Test conditions
TSH80, TSH81, TSH82, TSH84
16/27
Doc ID 9413 Rev 5
3
Test conditions
3.1
Layout precautions
To make the best use of the TSH8X circuits at high frequencies, some precautions have to
be taken with regard to the power supplies.
●
In high-speed circuit applications, the implementation of a proper ground plane on both
sides of the PCB is mandatory to ensure low inductance and low resistance common
return.
●
Power supply bypass capacitors (4.7 µF and ceramic 100 pF) should be placed as
close as possible to the IC pins in order to improve high frequency bypassing and
reduce harmonic distortion. The power supply capacitors must be incorporated for both
the negative and positive pins.
●
All inputs and outputs must be properly terminated with output resistors; thus, the
amplifier load is resistive only and the stability of the amplifier will be improved.
All leads must be wide and as short as possible especially for op-amp inputs and
outputs in order to decrease parasitic capacitance and inductance.
●
Time constants result from parasitic capacitance. To reduce time constants in lower-
gain applications, use a low feedback resistance (under 1 k
Ω).
●
Choose the smallest possible component sizes (SMD).
●
On the output, the load capacitance must be negligible to maintain good stability. You
can put a serial resistance as close as possible to the output pin to minimize the effect
of the load capacitance.
Figure 31.
CCIR330 video line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com