Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05BD2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 68HC05BD2
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05BD2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 68HC05BD2 Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
Page v
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
LIST OF FIGURES
Figure 1-1: MC68HC05BD7 Block Diagram .....................................................................4
Figure 1-2: MC68HC05BD7/BD2 40-Pin DIP Pin Assignment .........................................5
Figure 1-3: MC68HC05BD7/BD2 42-Pin SDIP Pin Assignment.......................................6
Figure 1-4: Oscillator Connections ...................................................................................7
Figure 2-1: The 16K Memory Map of the MC68HC05BD7.............................................11
Figure 2-2: MC68HC05BD7 I/O Register $00-$0F.........................................................12
Figure 2-3: MC68HC05BD7 I/O Register $10-$1F.........................................................13
Figure 2-4: MC68HC05BD7 I/O Register $20-$2F.........................................................14
Figure 3-1: MC68HC05 Programming Model .................................................................17
Figure 4-1: Interrupt Processing Flowchart ....................................................................22
Figure 4-2: External Interrupt..........................................................................................24
Figure 6-1: Mode Entry Diagram ....................................................................................30
Figure 6-2: WAIT Flowcharts..........................................................................................32
Figure 7-1: Port I/O Circuitry...........................................................................................34
Figure 8-1: PWM Data Register .....................................................................................37
Figure 8-2: Relationship Between 5-Bit PWM and 3-Bit BRM........................................38
Figure 8-3: PWM Open-Drain Option Register...............................................................38
Figure 9-1: Software Flowchart of Slave Mode Interrupt Routine...................................47
Figure 9-2: Software Flowchart in Master mode: (a) Mode setup. (b) Interrupt routine..48
Figure 10-1: CLAMP output waveform ...........................................................................50
Figure 12-1: Structure of A/D Converter.........................................................................61
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com