Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC805K3 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 68HC805K3
Description  General Release Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC805K3 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC805K3 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC805K3 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC805K3 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC805K3 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC805K3 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC805K3 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC805K3 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC805K3 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC805K3 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
MC68HC805K3 — Rev. 1.0
Interrupts
39
General Release Specification — MC68HC805K3
Section 4. Interrupts
4.1 Contents
4.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .39
4.3
CPU Interrupt Processing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
4.4
Reset Interrupt Sequence. . . . . . . . . . . . . . . . . . . . . . . . . . . . .42
4.5
Software Interrupt (SWI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .42
4.6
Hardware Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
4.6.1
External Interrupt (IRQ) . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
4.6.2
IRQ Status/Control Register (ISCR) . . . . . . . . . . . . . . . . . .45
4.6.3
Port Interrupts (PA0–PA3). . . . . . . . . . . . . . . . . . . . . . . . . .46
4.6.4
Timer Interrupt (TIMER) . . . . . . . . . . . . . . . . . . . . . . . . . . .47
4.2 Introduction
The MCU can be interrupted four different ways:
1. Non-maskable software interrupt instruction (SWI)
2. External asynchronous interrupt (IRQ)
3. External interrupt via IRQ on PA0-PA3 (enabled by a mask option
register bit)
4. Internal timer interrupt (TIMER)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com