Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4CS Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4CS
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4CS Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4CS Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 180 page
background image
Analog Subsystem
Analog Section
General Release Specification
Analog Subsystem
8.3 Analog Section
The following subsections describe the analog section of this
subsystem.
8.3.1 Ratiometric Conversion
The A/D is ratiometric, with two dedicated pins supplying the reference
voltages (VREFH and VREFL). An input voltage equal to VREFH converts
to $FF (full scale) and an input voltage equal to VREFL converts to $00.
An input voltage greater than VREFH will convert to $FF with no overflow
indication. For ratiometric conversions, the source of each analog input
should use VREFH as the supply voltage and be referenced to VREFL.
8.3.2 VREFH and VREFL
The reference supply for the converter uses two dedicated pins rather
than being driven by the system power supply lines because the voltage
drops in the bonding wires of those heavily loaded pins would degrade
the accuracy of the A/D conversion. VREFH and VREFL are internally
wired to the analog supply voltages AVDD and AVSS. These pins are
located next to each other to permit optimal decoupling.
8.3.3 Accuracy and Precision
The 8-bit conversions shall be accurate to within
± 11/2 LSB including
quantization.
8.4 Conversion Process
The A/D reference inputs are applied to a precision internal
digital-to-analog converter. Control logic drives this D/A and the analog
output is successively compared to the selected analog input that was
sampled at the beginning of the conversion time. The conversion
process is monotonic and has no missing codes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com