Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 205 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 205 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 201Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 202Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 203Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 204Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 205Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 206Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 207Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 208Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 209Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
127
Chapter 10
ARM7TDMI-S Core
10.1
Introduction
The MAC7200 family is implemented with a licensed ARM7 CPU. This is a 32-bit RISC core with a three
stage pipeline offering high instruction throughput. The core used across the family is the ARM7TDMI-S
which supports both a 32-bit instruction set and a 16-bit instruction set (THUMB) to assist with code
density. No architectural modifications have been made to this core during implementation, enabling the
MAC7200 family to remain compliant to the ARM ISA V4T and existing tool chains. The core has been
configured to support Big Endian memory systems.
For detailed information about the ARM core please consult the following documents:
•
ARM Architecture Reference Manual (Second Edition)
•
ARM7TDMI-S (Rev 4) Technical Reference Manual (Issue A)
10.2
ARM7 Features
•
32-bit ARM7 TDMI-S RISC Core
— Up to 70MHz operating frequency
— Efficient code density through 16-bit instructions (THUMB).
— Alternate general purpose registers.
— Byte (8-bit), Halfword (16-bit), Word (32-bit) data types supported.
— Cores and Memory connected using high performance AMBA AHB bus.
— Integrated E-ICE module for debug
•
Version rev4p3.04
10.3
ARM7 Implementation
The MAC72xx devices use the latest version of the ARM7TDMI-S core available. For the MAC72x2
xM84A masksets and MAC72x1 0M19G maskset, revision rev4p3.04 is used.
T
Thumb architecture extension
D
Debug extensions
M
Enhanced multiplier (32x8) with 64-bit result support
I
EmbeddedICE Macrocell extension
S
Fully Synthesizable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com