Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 93Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 94Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 95Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 96Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 97Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 98Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 99Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 100Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 976 page
background image
MCU Mode Selection
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
19
•
No FlexBus
•
Boot from Flash main array at $0000 0000
— Shadow Block available at $00f0 0000
•
JTAG Lockout Recovery is available
2.4.3
Normal Primary Bootloader Mode
In Normal PBL Mode, the memory map of the system is modified to move the location of the Shadow
Block from its default Reset location to starting at location $0000 0000. This remapping enables the device
to boot from the Shadow Block.
•
Same as Single Chip mode, except boot from the Shadow Block
•
EICE/Nexus/JTAG active
— Enable TCK, TDI, TDO and DBGEN
•
No FlexBus
•
Relocate Shadow Block to $0000 0000
•
Relocate Flash main array to $2000 0000
— Shadow Block available at $20f0 0000
•
JTAG Lockout Recovery is available
2.4.4
Secured Primary Bootloader Mode
In Secured PBL Mode, the memory map of the system is modified to move the location of the Shadow
Block from its default Reset location to starting at location $0000 0000. This remapping enables the device
to boot from the Shadow Block.
•
Same as Single Chip mode, except boot from the Shadow Block
•
No EICE/Nexus/JTAG
— Disable DBGEN and Nexus clock(s)
•
No FlexBus
•
Relocate Shadow Block to $0000 0000
•
Relocate Flash main array to $2000 0000
— Shadow Block available at $20f0 0000
•
JTAG Lockout Recovery is available
2.4.5
Normal Expanded Mode
In Normal Expanded Mode, the MCU boots from an external source by accessing external memory and
hardware across the external Address and Data bus. In this mode the Flash main array and Shadow Block
are accessable.
•
EICE/Nexus/JTAG active
— Enable TCK, TDI, TDO and DBGEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com