Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD350ID Datasheet(PDF) 1 Page - STMicroelectronics

Part # TD350ID
Description  Advanced IGBT/MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350ID Datasheet(HTML) 1 Page - STMicroelectronics

  TD350ID Datasheet HTML 1Page - STMicroelectronics TD350ID Datasheet HTML 2Page - STMicroelectronics TD350ID Datasheet HTML 3Page - STMicroelectronics TD350ID Datasheet HTML 4Page - STMicroelectronics TD350ID Datasheet HTML 5Page - STMicroelectronics TD350ID Datasheet HTML 6Page - STMicroelectronics TD350ID Datasheet HTML 7Page - STMicroelectronics TD350ID Datasheet HTML 8Page - STMicroelectronics TD350ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2010
Doc ID 9525 Rev 6
1/17
17
TD350
Advanced IGBT/MOSFET driver
Features
■ 1.5 A source/2.3 A sink typ gate drive
■ Active Miller clamp feature
■ Two steps turn-off with adjustable level and
delay
■ Desaturation detection
■ Fault status output
■ Negative gate drive ability
■ Input compatible with pulse transformer or
optocoupler
■ Separate sink and source outputs for easy gate
drive
■ UVLO protection
■ 2 kV ESD protection (HBM)
Applications
■ 1200 V 3-phase inverter
■ Motor control
■ UPS systems
Description
TD350 is an advanced gate driver for IGBT and
power MOSFET. Control and protection functions
are included and allow the design of high
reliability systems.
Innovative active Miller clamp function avoids the
need of negative gate drive in most applications
and allows the use of a simple bootstrap supply
for the high side driver
TD350 includes a two-level turn-off feature with
adjustable level and delay. This function protects
against excessive overvoltage at turn-off in case
of overcurrent or short-circuit condition. Same
delay is applied at turn-on to prevent pulse width
distortion.
TD350 also includes an IGBT desaturation
protection and a FAULT status output.
TD350 is compatible with both pulse transformer
and optocoupler signals.
Table 1.
Device summary
Order codes
Temperature range
Package
Packaging
TD350ID
-40, +125°C
SO-14
Tube
TD350IDT
Tape and reel
www.st.com


Similar Part No. - TD350ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350ID STMICROELECTRONICS-TD350ID Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD350IDT STMICROELECTRONICS-TD350IDT Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
More results

Similar Description - TD350ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
Advanced IGBT/MOSFET Driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
Advanced IGBT/MOSFET Driver
Dec-2004
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
IGBT MOSFET DRIVER
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
Advanced IGBT/MOSFET driver
23-Sep-2011
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
Advanced IGBT/MOSFET driver
16-Jun-2011
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
Advanced IGBT/MOSFET driver
13-Jun-2011
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
Advanced IGBT/MOSFET driver
June 2011 Rev 2
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com