Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T60_10 Datasheet HTML 1Page - STMicroelectronics M41T60_10 Datasheet HTML 2Page - STMicroelectronics M41T60_10 Datasheet HTML 3Page - STMicroelectronics M41T60_10 Datasheet HTML 4Page - STMicroelectronics M41T60_10 Datasheet HTML 5Page - STMicroelectronics M41T60_10 Datasheet HTML 6Page - STMicroelectronics M41T60_10 Datasheet HTML 7Page - STMicroelectronics M41T60_10 Datasheet HTML 8Page - STMicroelectronics M41T60_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
April 2010
Doc ID 10396 Rev 13
1/27
1
M41T60
Serial access real-time clock
Features
■ Counters for seconds, minutes, hours, day,
date, month, years, and century
■ 32 KHz crystal oscillator integrating load
capacitance and high crystal series resistance
operation
■ Oscillator stop detection monitors clock
operation
■ Serial interface supports I2C bus (400 kHz)
■ 350 nA timekeeping current at 3 V
■ Low operating current of 35 µA (at 400 kHz)
■ Timekeeping down to 1.0 V
■ 1.3 V to 4.4 V I2C bus operating voltage
■ Software clock calibration to compensate
deviation of crystal due to temperature
■ Software programmable output (OUT)
■ Operating temperature of –40 to 85 °C
■ Automatic leap year compensation
■ Lead-free 16-pin QFN package
■ Li-ion rechargeable operation
1
XI
2
XO
3
4
ST QFN16
SMT
CRYSTAL
VSOJ20 (47.6mm2)
Guard Ring
(21.5mm2)
GND Plane
QFN16 (Q)
3 mm x 3 mm
Footprint comparison of ST’s QFN16 with
SMT crystal vs. competing VSOJ20 package
www.st.com


Similar Part No. - M41T60_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T60Q6F STMICROELECTRONICS-M41T60Q6F Datasheet
346Kb / 23P
Serial Access Real-Time Clock
13-Nov-2003
M41T60Q6F STMICROELECTRONICS-M41T60Q6F Datasheet
258Kb / 24P
Serial access real-time clock
06-Jul-2006
M41T60 STMICROELECTRONICS-M41T60_05 Datasheet
258Kb / 24P
Serial access real-time clock
06-Jul-2006
More results

Similar Description - M41T60_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
Serial Access Real-Time Clock with Alarms
13-Nov-2003
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
Serial Access Real-Time Clock
13-Nov-2003
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
Serial Access Real-Time Clock with Alarms
22-Jan-2004
M41T00S STMICROELECTRONICS-M41T00S Datasheet
289Kb / 23P
Serial Access Real-Time Clock
10-Feb-2004
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
Serial access Real-Time Clock with alarm
12-Jul-2006
M41T60 STMICROELECTRONICS-M41T60_05 Datasheet
258Kb / 24P
Serial access real-time clock
06-Jul-2006
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
Serial access real-time clock with alarms
22-Jan-2007
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
Serial access real-time clock with alarm
28-May-2008
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
Serial access real-time clock with alarms
22-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com