Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E02-FDW1P Datasheet(PDF) 8 Page - STMicroelectronics

Part # M34E02-FDW1P
Description  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW1P Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M34E02-FDW1P Datasheet HTML 4Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 5Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 6Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 7Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 8Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 9Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 10Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 11Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Signal description
M34E02, M34E02-F
8/34
Doc ID 10367 Rev 10
2
Signal description
2.1
Serial Clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this
signal is used by slave devices to synchronize the bus to a slower clock, the bus master
must have an open drain output, and a pull-up resistor can be connected from Serial Clock
(SCL) to VCC. (Figure 4 indicates how the value of the pull-up resistor can be calculated). In
most applications, though, this method of synchronization is not employed, and so the pull-
up resistor is not necessary, provided that the bus master has a push-pull (rather than open
drain) output.
2.2
Serial Data (SDA)
This bidirectional signal is used to transfer data in or out of the device. It is an open drain
output that may be wire-OR’ed with other open drain or open collector signals on the bus. A
pull up resistor must be connected from Serial Data (SDA) to VCC. (Figure 4 indicates how
the value of the pull-up resistor can be calculated).
2.3
Chip Enable (E0, E1, E2)
These input signals are used to set the value that is to be looked for on the three least
significant bits (b3, b2, b1) of the 7-bit device select code. In the end application, E0, E1 and
E2 must be directly (not through a pull-up or pull-down resistor) connected to VCC or VSS to
establish the device select code. When these inputs are not connected, an internal pull-
down circuitry makes (E0,E1,E2) = (0,0,0).
The E0 input is used to detect the VHV voltage, when decoding an SWP or CWP instruction.
Figure 3.
Device select code
2.4
Write Control (WC)
This input signal is provided for protecting the contents of the whole memory from
inadvertent write operations. Write Control (WC) is used to enable (when driven low) or
disable (when driven high) write instructions to the entire memory area or to the Protection
Register.
When Write Control (WC) is tied low or left unconnected, the write protection of the first half
of the memory is determined by the status of the Protection Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com