Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E02-FMB6G Datasheet(PDF) 31 Page - STMicroelectronics

Part # M34E02-FMB6G
Description  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FMB6G Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M34E02-FMB6G Datasheet HTML 26Page - STMicroelectronics M34E02-FMB6G Datasheet HTML 27Page - STMicroelectronics M34E02-FMB6G Datasheet HTML 28Page - STMicroelectronics M34E02-FMB6G Datasheet HTML 29Page - STMicroelectronics M34E02-FMB6G Datasheet HTML 30Page - STMicroelectronics M34E02-FMB6G Datasheet HTML 31Page - STMicroelectronics M34E02-FMB6G Datasheet HTML 32Page - STMicroelectronics M34E02-FMB6G Datasheet HTML 33Page - STMicroelectronics M34E02-FMB6G Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
M34E02, M34E02-F
Part numbering
Doc ID 10367 Rev 10
31/34
9
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 17.
Ordering information scheme
Example:
M34E02
–
F DW
1
T
P
Device type
M34 = ASSP I2C serial access EEPROM
Device function
E02 = 2 Kbit (256 × 8) SPD (serial presence detect) for DDR1 and DDR2
Operating voltage
F = VCC = 1.7 to 3.6 V over 0°C to 70 °C
(1) or
1.
The 1.7 to 3.6 V operating voltage range is available only on temperature range 1 devices.
F = VCC = 1.7 to 5.5 V over –40 °C to 85 °C
(2)
2.
The 1.7 to 5.5 V operating voltage range is available only on temperature range 6 devices.
Package
MB or MC= UDFDFPN8 (MLP8)
DW = TSSOP8 (4.4 × 3 mm body size)
Temperature range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
blank = Standard packing
T = Tape & reel packing
Plating technology
P or G = ECOPACK (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com