Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSW44DZ2C1P Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW44DZ2C1P
Description  Super Flux Cool White LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW44DZ2C1P Datasheet(HTML) 1 Page - OptoSupply International

  OSW44DZ2C1P Datasheet HTML 1Page - OptoSupply International OSW44DZ2C1P Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.optosupply.com
VER A.0
S
Su
up
pe
er
r F
Fllu
ux
x C
Co
oo
oll W
Wh
hiitte
e L
LE
ED
D
OSW44DZ2C1P
■Features
■
Outline Dimension
●
High Luminous Super Flux Output
●
5 ø Standard Directivity
●
Long Lifetime Operation
●
Low Thermal Resistance
●
Superior Weather-Resistance
●
UV Resistant Epoxy
●
Water Clear Type
■Applications
●
Interior and exterior automotive lighting
(e.g. dashboard backlighting etc.)
●
Backlighting (Illuminated advertising, general lighting, etc)
●
Decorative Lighting
●
Other Lighting
0.76+0.1
2
5.08+0.2
1.5+0.1
5.08+0.3
23
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
7.62
5.0
2,3
1,4
■Absolute Maximum Rating
(Ta=25
)
℃
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
60
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
228
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/ 5sec
-
*Pulse width Max.10ms , Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=50mA
2.9
3.2
3.8
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=50mA
14400
18000
-
mcd
Luminous Flux
Φ
v
IF=50mA
16
20
-
lm
x
IF=50mA
-
0.31
-
Chromaticity
Coordinates*
y
IF=50mA
-
0.33
-
50% Power Angle
2θ1/2
IF=50mA
-
120
-
deg
*1 Tolerance of chromaticity coordinate is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSW44DZ2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW44DZ2C1P OPTOSUPPLY-OSW44DZ2C1P Datasheet
111Kb / 1P
Super Flux Pure White LED
OSW44DZ2C1P OPTOSUPPLY-OSW44DZ2C1P_12 Datasheet
111Kb / 1P
Super Flux Pure White LED
More results

Similar Description - OSW44DZ2C1P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL-30-01UWC ETC-AL-30-01UWC Datasheet
269Kb / 4P
SUPER FLUX WHITE LED
logo
OptoSupply Internationa...
OSM5DLZ2C1P OPTOSUPPLY-OSM5DLZ2C1P Datasheet
100Kb / 1P
Super Flux Warm White LED
OSW5DAZ3K1D OPTOSUPPLY-OSW5DAZ3K1D Datasheet
98Kb / 1P
Super Flux Pure White LED
OSM57LZ161D OPTOSUPPLY-OSM57LZ161D Datasheet
155Kb / 1P
Super Flux Warm White LED
OSW44DZ4E1P OPTOSUPPLY-OSW44DZ4E1P Datasheet
103Kb / 1P
Super Flux Pure White LED
OSW57LZ3K1D OPTOSUPPLY-OSW57LZ3K1D Datasheet
154Kb / 1P
Super Flux Pure White LED
OSM54DZ5D1P OPTOSUPPLY-OSM54DZ5D1P Datasheet
115Kb / 1P
Super Flux Warm White LED
OSM54LZ5D1P OPTOSUPPLY-OSM54LZ5D1P Datasheet
112Kb / 1P
Super Flux Warm White LED
OSW443Z5D1P OPTOSUPPLY-OSW443Z5D1P Datasheet
115Kb / 1P
Super Flux Pure White LED
OS4WMEZ2C1P OPTOSUPPLY-OS4WMEZ2C1P Datasheet
69Kb / 1P
Super Flux Pure White LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com