Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSWAO5 Datasheet(PDF) 2 Page - OptoSupply International

Part # OSWAO5
Description  LED Waterproof Light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSWAO5 Datasheet(HTML) 2 Page - OptoSupply International

  OSWAO5 Datasheet HTML 1Page - OptoSupply International OSWAO5 Datasheet HTML 2Page - OptoSupply International OSWAO5 Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model No.
OSWAXX
REV.
C5
Device Selection Guide
1
Module No.
Color
Dom. Wavelength
(Typ.)
Intensity / Per LED
(Typ.)
OSWAR5
Red
625±5nm
350 mcd
OSWAO5
Orange
605±5nm
350 mcd
OSWAY5
Yellow
590±5nm
350 mcd
OSWAG5
Green
525±5nm
1120 mcd
OSWAB5
Blue
470±5nm
400 mcd
OSWAW5
White
X=0.27 ; Y=0.28
1900 mcd
OSWAM5
Warm White
X=0.45 ; Y=0.41
1250 mcd
OSWAK5
Pink
X=0.45 ; Y=0.17
380 mcd
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
14
V
Input Current (DC)
Ii
600
mA
Power Dissipation
Pa
8.4
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tsto
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
4.8
8.4
w
Input Voltage(DC)
Vi
-
12
14
V
Product Input Current
If
-
400
600
mA
Beam Pattern
BP
-
120
-
Deg
LED Quantity of Every Meter
OTY
-
60
-
PCS
Total Length of Modules
Lmod.
-
1000
-
mm
Net Weight
Wei.
---
60
---
g
LED & Application Technologies
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com