Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega6450V-8AI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATmega6450V-8AI
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega6450V-8AI Datasheet(HTML) 5 Page - ATMEL Corporation

  ATmega6450V-8AI Datasheet HTML 1Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 2Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 3Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 4Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 5Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 6Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 7Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 8Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
2570L–AVR–08/07
ATmega325/3250/645/6450
The ATmega325/3250/645/6450 provides the following features: 32/64K bytes of In-System
Programmable Flash with Read-While-Write capabilities, 1/2K bytes EEPROM, 2/4K byte
SRAM, 54/69 general purpose I/O lines, 32 general purpose working registers, a JTAG interface
for Boundary-scan, On-chip Debugging support and programming, three flexible Timer/Counters
with compare modes, internal and external interrupts, a serial programmable USART, Universal
Serial Interface with Start Condition Detector, an 8-channel, 10-bit ADC, a programmable
Watchdog Timer with internal Oscillator, an SPI serial port, and five software selectable power
saving modes. The Idle mode stops the CPU while allowing the SRAM, Timer/Counters, SPI
port, and interrupt system to continue functioning. The Power-down mode saves the register
contents but freezes the Oscillator, disabling all other chip functions until the next interrupt or
hardware reset. In Power-save mode, the asynchronous timer will continue to run, allowing the
user to maintain a timer base while the rest of the device is sleeping. The ADC Noise Reduction
mode stops the CPU and all I/O modules except asynchronous timer and ADC to minimize
switching noise during ADC conversions. In Standby mode, the crystal/resonator Oscillator is
running while the rest of the device is sleeping. This allows very fast start-up combined with low-
power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip In-System re-Programmable (ISP) Flash allows the program memory to be repro-
grammed In-System through an SPI serial interface, by a conventional non-volatile memory
programmer, or by an On-chip Boot program running on the AVR core. The Boot program can
use any interface to download the application program in the Application Flash memory. Soft-
ware in the Boot Flash section will continue to run while the Application Flash section is updated,
providing true Read-While-Write operation. By combining an 8-bit RISC CPU with In-System
Self-Programmable Flash on a monolithic chip, the Atmel ATmega325/3250/645/6450 is a pow-
erful microcontroller that provides a highly flexible and cost effective solution to many embedded
control applications.
The ATmega325/3250/645/6450 AVR is supported with a full suite of program and system
development tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators,
In-Circuit Emulators, and Evaluation kits.
3.2
Comparison between ATmega325, ATmega3250, ATmega645 and ATmega6450
The ATmega325, ATmega3250, ATmega645, and ATmega6450 differs only in memory sizes,
pin count and pinout. Table 3-1 on page 5 summarizes the different configurations for the four
devices.
3.3
Pin Descriptions
The following section describes the I/O-pin special functions.
Table 3-1.
Configuration Summary
Device
Flash
EEPROM
RAM
General Purpose
I/O Pins
ATmega325
32K bytes
1K bytes
2K bytes
54
ATmega3250
32K bytes
1K bytes
2K bytes
69
ATmega645
64K bytes
2K bytes
4K bytes
54
ATmega6450
64K bytes
2K bytes
4K bytes
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com