Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8035 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # 56F8035
Description  16-bit Digital Signal Controllers
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8035 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button 56F8035 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 161 page
background image
56F8035/56F8025 Data Sheet, Rev. 6
84
Freescale Semiconductor
6.3.2
SIM Reset Status Register (SIM_RSTAT)
This read-only register is updated upon any system reset and indicates the cause of the most recent reset.
It indicates whether the COP reset vector or regular reset vector (including Power-On Reset, External
Reset, Software Reset) in the vector table is used. This register is asynchronously reset during Power-On
Reset and subsequently is synchronously updated based on the precedence level of reset inputs. Only the
most recent reset source will be indicated if multiple resets occur. If multiple reset sources assert
simultaneously, the highest-precedence source will be indicated. The precedence from highest to lowest is
Power-On Reset, External Reset, COP Loss of Reference Reset, COP Time-Out Reset, and Software
Reset. Power-On Reset is always set during a Power-On Reset; however, Power-On Reset will be cleared
and External Reset will be set if the external reset pin is asserted or remains asserted after the Power-On
Reset has deasserted.
Figure 6-3 SIM Reset Status Register (SIM_RSTAT)
6.3.2.1
Reserved—Bits 15–7
This bit field is reserved. Each bit must be set to 0.
6.3.2.2
Software Reset (SWR)—Bit 6
When set, this bit indicates that the previous system reset occurred as a result of a software reset (written
1 to SWRST bit in the SIM_CTRL register).
6.3.2.3
COP Time-Out Reset (COP_TOR)—Bit 5
When set, this bit indicates that the previous system reset was caused by the Computer Operating Properly
(COP) module signaling a COP time-out reset. If COP_TOR is set as code starts executing, the COP reset
vector in the vector table will be used. Otherwise, the normal reset vector is used.
6.3.2.4
COP Loss of Reference Reset (COP_LOR)—Bit 4
When set, this bit indicates that the previous system reset was caused by the Computer Operating Properly
(COP) module signaling a loss of COP reference clock reset. If COP_LOR is set as code starts executing,
the COP reset vector in the vector table will be used. Otherwise, the normal reset vector is used.
6.3.2.5
External Reset (EXTR)—Bit 3
When set, this bit indicates that the previous system reset was caused by an external reset.
6.3.2.6
Power-On Reset (POR)—Bit 2
This bit is set during a Power-On Reset.
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
SWR
COP_
TOR
COP_
LOR
EXTR
POR
0
0
Write
RESET
0
0
00
00
0
0
0
0
0
0
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com