| Electronic Components Datasheet Search |
|
PC312XDP512F0CFVR Datasheet(PDF) 569 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR Datasheet(HTML) 569 Page - Freescale Semiconductor, Inc |
|
569 / 1348 page ![]() MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 569 Chapter 15 Background Debug Module (S12XBDMV2) 15.1 Introduction This section describes the functionality of the background debug module (BDM) sub-block of the HCS12X core platform. The background debug module (BDM) sub-block is a single-wire, background debug system implemented in on-chip hardware for minimal CPU intervention. All interfacing with the BDM is done via the BKGD pin. The BDM has enhanced capability for maintaining synchronization between the target and host while allowing more flexibility in clock rates. This includes a sync signal to determine the communication rate and a handshake signal to indicate when an operation is complete. The system is backwards compatible to the BDM of the S12 family with the following exceptions: • TAGGO command no longer supported by BDM • External instruction tagging feature now part of DBG module • BDM register map and register content extended/modified • Global page access functionality • Enabled but not active out of reset in emulation modes • CLKSW bit set out of reset in emulation mode. • Family ID readable from firmware ROM at global address 0x7FFF0F (value for HCS12X devices is 0xC1) 15.1.1 Features The BDM includes these distinctive features: • Single-wire communication with host development system • Enhanced capability for allowing more flexibility in clock rates • SYNC command to determine communication rate • GO_UNTIL command • Hardware handshake protocol to increase the performance of the serial communication • Active out of reset in special single chip mode • Nine hardware commands using free cycles, if available, for minimal CPU intervention • Hardware commands not requiring active BDM • 14 firmware commands execute from the standard BDM firmware lookup table |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |