Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC15 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC15
Description  Triacs Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC15 Datasheet(HTML) 2 Page - ON Semiconductor

  MAC15 Datasheet HTML 1Page - ON Semiconductor MAC15 Datasheet HTML 2Page - ON Semiconductor MAC15 Datasheet HTML 3Page - ON Semiconductor MAC15 Datasheet HTML 4Page - ON Semiconductor MAC15 Datasheet HTML 5Page - ON Semiconductor MAC15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAC15 Series
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
RqJC
2.0
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Blocking Current
TJ = 25°C
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 125°C
IDRM,
IRRM
−
−
−
−
10
2.0
mA
mA
ON CHARACTERISTICS
Peak On−State Voltage Note 2 (ITM = "21 A Peak)
VTM
−
1.3
1.6
V
Gate Trigger Current (Continuous dc) (VD = 12 Vdc, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
MT2(−), G(+) “A’’ SUFFIX ONLY
IGT
−
−
−
−
−
−
−
−
50
50
50
75
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 Vdc, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
MT2(−), G(+) “A’’ SUFFIX ONLY
VGT
−
−
−
−
0.9
0.9
1.1
1.4
2
2
2
2.5
V
Gate Non−Trigger Voltage (VD = 12 V, RL = 100 W) TJ = 110°C)
MT2(+), G(+); MT2(−), G(−); MT2(+), G(−)
MT2(−), G(+) “A’’ SUFFIX ONLY
VGD
0.2
0.2
−
−
−
−
V
Holding Current (VD = 12 Vdc, Gate Open, Initiating Current = "200 mA)
IH
−
6.0
40
mA
Turn-On Time (VD = Rated VDRM, ITM = 17 A)
(IGT = 120 mA, Rise Time = 0.1 ms, Pulse Width = 2 ms)
tgt
−
1.5
−
ms
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Commutation Voltage (VD = Rated VDRM, ITM = 21 A,
Commutating di/dt = 7.6 A/ms, Gate Unenergized, TC = 80°C)
dv/dt(c)
−
5.0
−
V/ms
2. Pulse Test: Pulse Width ≤ 2.0 ms, Duty Cycle ≤ 2%.
ORDERING INFORMATION
Device
Device Marking
Package
Shipping
MAC15−008
MAC15−8
TO−220AB
500 Units Bulk
MAC15−8G
TO−220AB
(Pb−Free)
MAC15−10
MAC1510
TO−220AB
MAC15−10G
TO−220AB
(Pb−Free)
MAC15A6
MAC15A6
TO−220AB
MAC15A6G
TO−220AB
(Pb−Free)
MAC15A8
MAC15A8
TO−220AB
MAC15A8G
TO−220AB
(Pb−Free)
MAC15A10
MAC15A10
TO−220AB
MAC15A10G
TO−220AB
(Pb−Free)
MAC15A10T
TO−220AB
50 Units / Rail



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com