Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744232161 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744232161
Description  SMD common mode noise suppressor WE-CNSW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744232161 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744232161 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744232161 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744232161 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bezeichnung :
description :
MST
Version 3
04-10-11
SST
Version 2
04-02-17
MST
Version 1
03-11-25
Name
Änderung / modification
Datum / date
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
744232161
SMD Stromkomp. Datenleitungsfilter WE-CNSW
SMD common mode noise suppressor WE-CNSW
DATUM / DATE : 2004-10-11
H Impedanzverlauf / impedance curve:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
..................................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
= = = = =
common mode
= = = = =
differential mode
0,1
1
10
100
1000
1
10
100
1000
Frequenz / frequency [MHz]
Z (com)
Z (dif)
IF BW 10kHz
POWER 0 dBm
SWP 134,5 msec
START 1 MHz
STOP 1,0 GHz
LF
SEITE 2 VON 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com