Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1045 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRB1045
Description  SWITCHMODE Schottky Power Rectifier Surface Mount Power Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB1045 Datasheet(HTML) 2 Page - ON Semiconductor

  MBRB1045 Datasheet HTML 1Page - ON Semiconductor MBRB1045 Datasheet HTML 2Page - ON Semiconductor MBRB1045 Datasheet HTML 3Page - ON Semiconductor MBRB1045 Datasheet HTML 4Page - ON Semiconductor MBRB1045 Datasheet HTML 5Page - ON Semiconductor MBRB1045 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRB1045, MBRD1045
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
(MBRB1045)
− Junction−to−Case (Note 2)
− Junction−to−Ambient (Note 2)
(MBRD1045)
− Junction−to−Case (Note 2)
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJC
RqJA
1.0
50
2.43
68
°C/W
2. When mounted using minimum recommended pad size on FR−4 board.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(IF = 10 Amps, TJ = 125°C)
(IF = 20 Amps, TJ = 125°C)
(IF = 20 Amps, TJ = 25°C)
VF
0.57
0.72
0.84
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
IR
15
0.1
mA
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%
ORDERING INFORMATION
Device
Package
Shipping†
MBRB1045
D2PAK
50 Units / Rail
MBRB1045G
D2PAK
(Pb−Free)
50 Units / Rail
MBRB1045T4
D2PAK
800 Units / Tape & Reel
MBRB1045T4G
D2PAK
(Pb−Free)
800 Units / Tape & Reel
MBRD1045T4G
DPAK
(Pb−Free)
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com