Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B20200 Datasheet(PDF) 2 Page - ON Semiconductor

Part # B20200
Description  SWITCHMODE Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

B20200 Datasheet(HTML) 2 Page - ON Semiconductor

  B20200 Datasheet HTML 1Page - ON Semiconductor B20200 Datasheet HTML 2Page - ON Semiconductor B20200 Datasheet HTML 3Page - ON Semiconductor B20200 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRF20200CT
http://onsemi.com
2
MAXIMUM RATINGS (Per Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
Average Rectified Forward Current
Per Leg
(Rated VR) TC = 125°C
Per Package
IF(AV)
10
20
A
Peak Repetitive Forward Current, Per Leg
(Rated VR, Square Wave, 20 kHz) TC = 90°C
IFRM
20
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz)
IRRM
1.0
A
Operating Junction Temperature and Storage Temperature
TJ, Tstg
−65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS (Per Leg)
Rating
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
RqJC
3.5
°C/W
ELECTRICAL CHARACTERISTICS (Per Leg)
Rating
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 10 Amp, TC = 25°C)
(iF = 10 Amp, TC = 125°C)
(iF = 20 Amp, TC = 25°C)
(iF = 20 Amp, TC = 125°C)
vF
0.9
0.8
1.0
0.9
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TC = 25°C)
(Rated dc Voltage, TC = 125°C)
iR
1.0
50
mA
DYNAMIC CHARACTERISTICS (Per Leg)
Capacitance (VR = −5.0 V, TC = 25°C, Freq. = 1.0 MHz)
CT
500
pF
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%
Figure 1. Typical Forward Voltage (Per Leg)
100
70
50
20
10
7
5
2
1
0.2
0.4
0.6
0.8
1
TJ = 125°C
TJ = 100°C
TJ = 25°C
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TJ = 150°C
VR, REVERSE CURRENT (VOLTS)
10,000
1,000
100
10
1
0.1
0.01
20
40
60
80
100
120
140
160
180 200
TJ = 1255C
TJ = 1005C
TJ = 1505C
TJ = 255C
Figure 2. Typical Reverse Current (Per Leg)
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com