Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPIR Datasheet(PDF) 3 Page - Tyco Electronics

Part # GPIR
Description  GP/ML/TR series 10 Amp Control Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GPIR Datasheet(HTML) 3 Page - Tyco Electronics

  GPIR Datasheet HTML 1Page - Tyco Electronics GPIR Datasheet HTML 2Page - Tyco Electronics GPIR Datasheet HTML 3Page - Tyco Electronics GPIR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
919
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
TR series
10 Amp Control Relay – Timing Version
TR Design/Construction
Couples an advanced electromechanical design with a field-proven solid-
state timing network, an adaptation of the circuit used in the AGASTAT
premium grade SSC Timer.
This unique circuit also eliminates the need for supplementary
temperature-compensation components, affording unusual stability over a
realistically broad operating temperature range. It also provides transient
protection and protection against premature switching of the output
contacts due to power interruption during timing.
TR Features
• 8 timing ranges.
• 4 SPDT contacts.
• Magnetic blowout device option increases DC current carrying ability
approximately ten times for both N.O. and N.C. contacts. In both AC and
DC operation, the addition of the device will normally double the contact
life, due to reduced arcing.
Contact Data @ 25°C
Arrangements: 4 Form C (4PDT)
Nominal Rating: 10A @ 120VAC.
Contact Pressure:
Between movable and normally closed contacts: 30 g, typical.
Between movable and normally open contacts: 100 g, typical.
Expected Life: Mechanical: 100 million operations.
Electrical: See load/life graph.
Load Life Curve
Timing Specifications
Operating Mode: On-Delay (Delay on energization).
Timing Adjustment: Internal fized or internal potentiometer.
Timing Ranges:
.15 to 3 sec.
4 to 120 sec.
.55 to 15 sec.
10 to 300 sec.
1 to 30 sec.
1 to 30 min.
2 to 60 sec.
2 to 60 min.
Accuracy:
Repeat: ±2% as fixed temerature and voltage.
Overall: ±5% over combined rated extremes of temerature and voltage.
Reset Time: 75ms.
Coil Data
Voltage: 120VAC, 50-60 Hz.; 24 & 125VDC.
Initial Dielectric Strength
Between terminals and case and between mutually-isolated
contacts: 2,000VAC.
Initial Insulation Resistance
Between non-connected terminals: 109 ohms at 500VDC.
Between non-connected terminals & relay yoke: 109 ohms at 500VDC.
Environmenal Data
Operating Temperature Range: 0°C to +50°C.
Mechanical Data
Mounting Terminals: 16 flat base pins. Screw terminal sockets are
available.
Weight: 11 oz. (311g) approximately.
Transient Protection
1,500 volt transient of less than 100 microseconds, or 1,000 volts or less.
Ordering Information
Typical Part No.
➤
TR
1
4
B
1
A
N
1. Basic Series:
TR = Timing control relay
2. Operation:
1 = On-delay
3. Output:
4 = 4PDT (4 form C)
4. Operating Voltage:
B = 24VDC
D = 215VDC
I = 120VAC, 50/60 Hz.
5. Timing Adjustment:
1 = Internal fixed.
3 = Internal potentiometer.
6. Timing Range:
A = .15 to 3 sec.
C = 1 to 30 sec.
E = 4 to 120 sec.
I = 2 to 60 min.
B = .55 to 15 sec.
D = 2 to 60 sec.
G = 10 to 300 sec.
N = 1 to 30 min.
7. Options:
N = Magnetic blow-out device.
Wiring Diagram (Bottom View)
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery..
None at present.
Outline Dimensions
Same as GP/MR. See previous page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com