Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N04L63W2AB7IT Datasheet(PDF) 8 Page - ON Semiconductor

Part # N04L63W2AB7IT
Description  4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N04L63W2AB7IT Datasheet(HTML) 8 Page - ON Semiconductor

Back Button N04L63W2AB7IT Datasheet HTML 2Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 3Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 4Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 5Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 6Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 7Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 8Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 9Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Rev. 10 | Page 8 of 10 | www.onsemi.com
N04L63W2A
44-Lead TSOP II Package (T44)
Note:
1. All dimensions in inches (Millimeters)
2. Package dimensions exclude molding flash
18.41±0.13
10.16±0.13
SEE DETAIL B
1.10±0.15
11.76±0.20
0.45
0.30
0.80mm REF
DETAIL B
0.80mm REF
0o-8o
0.20
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com