Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS58C48IPFP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 5Page - Texas Instruments ADS58C48IPFP Datasheet HTML 6Page - Texas Instruments ADS58C48IPFP Datasheet HTML 7Page - Texas Instruments ADS58C48IPFP Datasheet HTML 8Page - Texas Instruments ADS58C48IPFP Datasheet HTML 9Page - Texas Instruments ADS58C48IPFP Datasheet HTML 10Page - Texas Instruments ADS58C48IPFP Datasheet HTML 11Page - Texas Instruments ADS58C48IPFP Datasheet HTML 12Page - Texas Instruments ADS58C48IPFP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
TIMING CHARACTERISTICS – LVDS AND CMOS MODES
(1) (continued)
Typical values are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, sampling frequency = 200 MSPS, sine wave input clock, CLOAD =
5 pF
(2), R
LOAD = 100 Ω
(3), unless otherwise noted.
MIN and MAX values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, DRVDD = 1.7 V to
1.9 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tCLKRISE,
Output clock rise time
Rise time measured from 20% to 80% of DRVDD
0.6
ns
tCLKFALL
Output clock fall time
Fall time measured from 80% to 20% of DRVDD
1 ≤ Sampling frequency ≤ 150 MSPS
Table 2. LVDS Timings Across Sampling Frequencies
SETUP TIME, ns
HOLD TIME, ns
SAMPLING FREQUENCY, MSPS
MIN
TYP
MAX
MIN
TYP
MAX
185
0.7
1.30
0.35
0.70
170
0.9
1.55
0.35
0.70
150
1.2
1.9
0.35
0.70
125
1.9
2.6
0.35
0.70
Table 3. CMOS Timings Across Sampling Frequencies
TIMINGS SPECIFIED WITH RESPECT TO INPUT CLOCK
SAMPLING FREQUENCY
tSTART, ns
DATA VALID TIME, ns
MSPS
MIN
TYP
MAX
MIN
TYP
MAX
185
–1.4
3.6
4.2
170
–2.8
4.2
4.7
150
–4.6
4.8
5.4
125
1.0
6.2
6.8
TIMINGS SPECIFIED WITH RESPECT TO CLKOUT
SAMPLING FREQUENCY
tPDI, CLOCK PROPAGATION
SETUP TIME, ns
HOLD TIME, ns
MSPS
DELAY, ns(1)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
150
2.0
2.8
2.0
2.8
125
2.6
3.5
2.6
3.5
80
4.8
5.8
4.8
5.8
80 to 150
5
6.5
8
(1)
At higher frequencies, tPDI is greater than one clock period and overall latency = ADC latency + 1.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com