Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3715 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM3715
Description  AM3715/03 Applications Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3715 Datasheet(HTML) 1 Page - Texas Instruments

  AM3715 Datasheet HTML 1Page - Texas Instruments AM3715 Datasheet HTML 2Page - Texas Instruments AM3715 Datasheet HTML 3Page - Texas Instruments AM3715 Datasheet HTML 4Page - Texas Instruments AM3715 Datasheet HTML 5Page - Texas Instruments AM3715 Datasheet HTML 6Page - Texas Instruments AM3715 Datasheet HTML 7Page - Texas Instruments AM3715 Datasheet HTML 8Page - Texas Instruments AM3715 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
AM3715, AM3703
Sitara ARM Microprocessors
Check for Samples: AM3715, AM3703
1
AM3715, AM3703 Sitara ARM Microprocessors
1.1
Features
123456
Pseudo-SRAM
• AM3715/03 Sitara ARM Microprocessors:
– Flexible Asynchronous Protocol
– Compatible with OMAP™ 3 Architecture
Control for Interface to Custom Logic
– Sitara™ ARM® Microprocessor (MPU)
(FPGA, CPLD, ASICs, etc.)
Subsystem
– Nonmultiplexed Address/Data Mode
•
Up to 1-GHz Sitara
™ ARM® Cortex™-A8
(Limited 2K-Byte Address Space)
Core
– 1.8-V I/O and 3.0-V (MMC1 only),
Also supports 300, 600, and 800-MHz
0.9-V to 1.2-V Adaptive Processor Core
operation
Voltage
•
NEON
™ SIMD Coprocessor
0.9-V to 1.1-V Adaptive Core Logic Voltage
– POWERVR SGX™ Graphics Accelerator
Note: These are default Operating
(AM3715 only)
Performance Point (OPP) voltages and could
•
Tile Based Architecture Delivering up to
be optimized to lower values using
20 MPoly/sec
SmartReflex AVS.
•
Universal Scalable Shader Engine:
– Commercial, Industrial, and Extended
Multi-threaded Engine Incorporating Pixel
Temperature Grades
and Vertex Shader Functionality
– Serial Communication
•
Industry Standard API Support:
•
5 Multichannel Buffered Serial Ports
OpenGLES 1.1 and 2.0, OpenVG1.0
(McBSPs)
•
Fine Grained Task Switching, Load
– 512 Byte Transmit/Receive Buffer
Balancing, and Power Management
(McBSP1/3/4/5)
•
Programmable High Quality Image
– 5K-Byte Transmit/Receive Buffer
Anti-Aliasing
(McBSP2)
– External Memory Interfaces:
– SIDETONE Core Support (McBSP2 and
•
SDRAM Controller (SDRC)
3 Only) For Filter, Gain, and Mix
– 16, 32-bit Memory Controller With
Operations
1G-Byte Total Address Space
– Direct Interface to I2S and PCM Device
– Interfaces to Low-Power SDRAM
and T Buses
– SDRAM Memory Scheduler (SMS) and
– 128 Channel Transmit/Receive Mode
Rotation Engine
•
Four Master/Slave Multichannel Serial
•
General Purpose Memory Controller
Port Interface (McSPI) Ports
(GPMC)
•
High-Speed/Full-Speed/Low-Speed USB
– 16-bit Wide Multiplexed Address/Data
OTG Subsystem (12-/8-Pin ULPI Interface)
Bus
•
High-Speed/Full-Speed/Low-Speed
– Up to 8 Chip Select Pins With
Multiport USB Host Subsystem
128M-Byte Address Space per Chip
– 12-/8-Pin ULPI Interface or 6-/4-/3-Pin
Select Pin
Serial Interface
– Glueless Interface to NOR Flash,
•
One HDQ/1-Wire Interface
NAND Flash (With ECC Hamming
•
Four UARTs (One with Infrared Data
Code Calculation), SRAM and
Association [IrDA] and Consumer Infrared
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
POWERVR SGX is a trademark of Imagination Technologies Ltd.
3
OMAP, Sitara are trademarks of Texas Instruments.
4
Cortex, NEON are trademarks of ARM Limited.
5
ARM is a registered trademark of ARM Ltd.
6
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AM3715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3715 TI-AM3715 Datasheet
2Mb / 280P
Sitara ARM Microprocessors
AM3715 TI1-AM3715 Datasheet
3Mb / 280P
Sitara ARM Microprocessors
AM3715CBC TI-AM3715CBC Datasheet
2Mb / 280P
Sitara ARM Microprocessors
AM3715CBC TI1-AM3715CBC Datasheet
3Mb / 280P
Sitara ARM Microprocessors
AM3715CBC100 TI-AM3715CBC100 Datasheet
2Mb / 280P
Sitara ARM Microprocessors
More results

Similar Description - AM3715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5912 TI-OMAP5912 Datasheet
2Mb / 254P
Applications Processor
OMAP3515 TI-OMAP3515 Datasheet
2Mb / 227P
Applications Processor
OMAP3530 TI-OMAP3530 Datasheet
2Mb / 230P
Applications Processor
OMAP3515 TI-OMAP3515_08 Datasheet
3Mb / 262P
Applications Processor
OMAP3530 TI-OMAP3530_08 Datasheet
3Mb / 264P
Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
Multimedia Applications Processor
logo
Texas Instruments
DM3730 TI-DM3730_10 Datasheet
2Mb / 268P
Applications Processor
OMAP3515DCBC TI1-OMAP3515DCBC Datasheet
3Mb / 264P
OMAP3515/03 Applications Processor
logo
List of Unclassifed Man...
SP-7W61 ETC2-SP-7W61 Datasheet
628Kb / 2P
Smart Panel with TI AM3715 Sitara Cortex A8 Processor
logo
Texas Instruments
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
Infotainment Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com