Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC200 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 2 Page - Texas Instruments

  DLPC200 Datasheet HTML 1Page - Texas Instruments DLPC200 Datasheet HTML 2Page - Texas Instruments DLPC200 Datasheet HTML 3Page - Texas Instruments DLPC200 Datasheet HTML 4Page - Texas Instruments DLPC200 Datasheet HTML 5Page - Texas Instruments DLPC200 Datasheet HTML 6Page - Texas Instruments DLPC200 Datasheet HTML 7Page - Texas Instruments DLPC200 Datasheet HTML 8Page - Texas Instruments DLPC200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
See Table 1 for frame rates that can be supported by the DLPC200.
Table 1. FRAME RATES
MODE
MIN
MAX
Unit
1 bit per pixel
5000
Structured Light
6
Hz
8 bits per pixel
700
Video
6
60
Hz
The digital input interface levels for image data is nominally 1.8 V or 3.3 V. Port 1 input is 3.3 V and Port 2 input
is 1.8 V.
DLPR200F firmware is provided by Texas Instruments to support the operation of video and structured light
mode. To locate DLPR200F, go to www.ti.com and search for the keyword “DLPR200”.
Related Documents
DOCUMENT
TI LITERATURE NUMBER
DLP 0.55 XGA Chip-Set data sheet
DLPZ004
DLPA200 DMD Analog Reset Driver
DLPS015
DLP5500 0.55 XGA DMD data sheet
DLPS013
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com