Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVC1110PW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1110PW
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVC1110PW Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCLVC1110PW Datasheet HTML 6Page - Texas Instruments CDCLVC1110PW Datasheet HTML 7Page - Texas Instruments CDCLVC1110PW Datasheet HTML 8Page - Texas Instruments CDCLVC1110PW Datasheet HTML 9Page - Texas Instruments CDCLVC1110PW Datasheet HTML 10Page - Texas Instruments CDCLVC1110PW Datasheet HTML 11Page - Texas Instruments CDCLVC1110PW Datasheet HTML 12Page - Texas Instruments CDCLVC1110PW Datasheet HTML 13Page - Texas Instruments CDCLVC1110PW Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CDCLVC1102PWR
TSSOP
PW
8
2000
346.0
346.0
29.0
CDCLVC1103PWR
TSSOP
PW
8
2000
346.0
346.0
29.0
CDCLVC1104PWR
TSSOP
PW
8
2000
346.0
346.0
29.0
CDCLVC1106PWR
TSSOP
PW
14
2000
346.0
346.0
29.0
CDCLVC1108PWR
TSSOP
PW
16
2000
346.0
346.0
29.0
CDCLVC1110PWR
TSSOP
PW
20
2000
346.0
346.0
33.0
CDCLVC1112PWR
TSSOP
PW
24
2000
346.0
346.0
33.0
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Jul-2010
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com