Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV8317 Datasheet(PDF) 3 Page - QT Optoelectronics

Part # MV8317
Description  SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MV8317 Datasheet(HTML) 3 Page - QT Optoelectronics

  MV8317 Datasheet HTML 1Page - QT Optoelectronics MV8317 Datasheet HTML 2Page - QT Optoelectronics MV8317 Datasheet HTML 3Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
11/10/99
300000A
SUPER BRIGHT T-1 3/4 (5 mm)
LED LAMP - Water Clear
WAVELENGTH - nm
REL. LUMINOUS INTENSITY (%)
Fig. 3 Relative Intensity vs Peak Wavelength
1.0
0.5
0
550
600
650
700
Fig. 4 Radiation Diagram
0
20406080
100
0
20
40
60
80
100
90˚
80˚
70˚
60˚
50˚
40˚
30˚
20˚
10˚
0˚
-10˚
-20˚
-30˚
-40˚
-50˚
-60˚
-70˚
-80˚
-90˚
Fig. 5 Current Derating Curve
35
30
25
20
15
10
5
0
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE (˚C)
SUPER YELLOW
MV831X
MV8313 MV8314
MV8315 MV8316
MV8317



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com