Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA330AIYFFT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA330AIYFFT
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA330AIYFFT Datasheet(HTML) 2 Page - Texas Instruments

  OPA330AIYFFT Datasheet HTML 1Page - Texas Instruments OPA330AIYFFT Datasheet HTML 2Page - Texas Instruments OPA330AIYFFT Datasheet HTML 3Page - Texas Instruments OPA330AIYFFT Datasheet HTML 4Page - Texas Instruments OPA330AIYFFT Datasheet HTML 5Page - Texas Instruments OPA330AIYFFT Datasheet HTML 6Page - Texas Instruments OPA330AIYFFT Datasheet HTML 7Page - Texas Instruments OPA330AIYFFT Datasheet HTML 8Page - Texas Instruments OPA330AIYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
OPA330
OPA2330
OPA4330
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
SOT23-5
DBV
OCFQ
SC70-5
DCK
CHL
OPA330
SOIC-8
D
O330A
WCSP-5
YFF
OEH
SOIC-8
D
O2330A
OPA2330
DFN-8
DRB
OCGQ
MSOP-8
DGK
OCGQ
SOIC-14
D
O4330A
OPA4330
TSSOP-14
PW
O4330A
OPA4330
QFN-14(2)
RGY
4330A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at ti.com.
(2)
Product preview device.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA330, OPA2330, OPA4330
UNIT
Supply Voltage, VS = (V+) – (V–)
+7
V
Signal Input Terminals, Voltage(2)
(V–) –0.3 to (V+) + 0.3
V
Signal Input Terminals, Current(2)
±10
mA
Output Short-Circuit(3)
Continuous
Operating Temperature
–40 to +150
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
4000
V
ESD
Charged Device Model (CDM)
1000
V
Ratings:
Machine Model (MM)
400
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground, one amplifier per package.
THERMAL INFORMATION
OPA330AIYFF
THERMAL METRIC(1)
YFF
UNITS
5 PINS
qJA
Junction-to-ambient thermal resistance
130
qJCtop
Junction-to-case (top) thermal resistance
54
qJB
Junction-to-board thermal resistance
51
°C/W
yJT
Junction-to-top characterization parameter
1
yJB
Junction-to-board characterization parameter
50
qJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA330 OPA2330 OPA4330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com