Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1G5 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # 1G5
Description  GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER VOLTAGE50 TO 1000V CURRENT 1.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1G5 Datasheet(HTML) 1 Page - Gulf Semiconductor

  1G5 Datasheet HTML 1Page - Gulf Semiconductor 1G5 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1G1 THRU 1G7
GLASS PASSIVATED JUNCTION
PLASTIC RECTIFIER
VOLTAGE50 TO 1000V
CURRENT 1.0A
FEATURE
R - 1
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
MECHANICAL DATA
Terminal Plated axial leads solderable per
MIL-STD 202E, method 208C
Case Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity Color band denotes cathode
Mounting position Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
1G1
1G2
1G3
1G4
1G5
1G6
1G7
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =25
°C,
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
25.0
A
Maximum Instantaneous Forward Voltage at
rated forward current
Vf
1.1
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
5.0
50.0
µA
µA
Typical Junction Capacitance
(Note 1)
Cj
15.0
pF
Typical Thermal Resistance
(Note 2)
Rth(ja)
50.0
°C/W
Storage and Operation Junction Temperature
Tstg
-50 to +150
°C
Note
1. Measured at 1.0 MHz and applied voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375”lead length, P.C. Board Mounted
Rev.A5
www.gulfsemi.com


Similar Part No. - 1G5

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1G5 GOOD-ARK-1G5 Datasheet
180Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
1G5 MIC-1G5 Datasheet
46Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1G5 PFS-1G5 Datasheet
165Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
VoltarisTech Inc
1G5 VOLTARISTECH-1G5 Datasheet
305Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
Rev.A5
logo
Altech corporation
1G50UM ALTECH-1G50UM Datasheet
660Kb / 2P
V-EA-Series - UL508 Manual Motor Controller -
More results

Similar Description - 1G5

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4001G GULFSEMI-1N4001G Datasheet
89Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4001GP GULFSEMI-1N4001GP Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4007G-1 GULFSEMI-1N4007G-1 Datasheet
91Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
1U1G GULFSEMI-1U1G Datasheet
88Kb / 2P
FULTRAFAST EFFICIENT GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
BYD33D GULFSEMI-BYD33D Datasheet
123Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE200 TO 1000V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
GPP1A GULFSEMI-GPP1A Datasheet
84Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com