Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S511HA Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # S511HA
Description  ROTARY POTENTIOMETER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

S511HA Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  S511HA Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model(型號):
ROTARY POTENTIOMETER---------S[X][X]511HA[X]
►Download PDF file
Features:(特點):
Excellent operational feeling;Clear click feeling for heat controllers Smooth and wet
slide feeling for electronic musical instruments Low noise ,long operational life ,highly
accurate attenuation
Applications(作用):
Fade conrtol for popular type audio mixers, musical keyboards
Heat control or mose switching for car air conditioners
Measurement instruments
Dimensions(規格圖 ):
Specifications( 規格)
Electrical Characteristics [ 電氣性能 ]
Total resistance [ 全阻抗值 ]
100Ω ~1MΩ
Total resistance tolerance [
全阻抗值容許差 ]
±20%
Ratings power(w) [ 額定功率 ]
Travel 20mm B Single 0.1W,Dual 0.05W
Except B single 0.05W,Dual
0.025W
Resistance taper [ 阻抗變化特性 ]
A,B,*C,D,W
Residual resistance(1-2/2-3)
[ 殘留阻值]
10/20 Max.
30/50 Max.
50/70 Max.
100/120 Max.
200/220 Max.
300/320 Max.
Sliding noise [
滑動雜音]
Single unit: 100mV Max,Dual unit: 150mV Max
Insulation resistance [絕緣阻抗]
10MΩ Min. at DC 250V.
Withstanding voltage [
耐電壓]
1 minute at AC 250V
Max. operating voltage [最高使用電壓]
B 200V , Except B 150V
Cang error:[
運動誤差]
Volume[
音量]
-40dB ~0dB
±3dB Max
Tone [音質]
±3dB Max. at 50% position.
Mechanical Characteristics [ 机械性能 ]
Operation torque [ 滑動力矩 ]
10~200gf.cm
Click slip out torque[
掣子脫出力矩]
30~350gf.cm
Lever wobble[推柄搖晃]
2(2×L)/20mm Max. L=length of level
Lever push-pull strength[
推拉強度]
3.0Kgf. cm Max. at 5 sec.
Endurance Characteristics [ 耐久性能 ]
Rotational life [
回轉壽命 ]
More than 10,000 cycles
Http://www.productwell.com E-Mail: pwlhk@productwell.com
Tel: ( 852)2687 3208 Fax: ( 852)2687 3336


Similar Part No. - S511HA

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
S511HA PRODUCTWELL-S511HA_14 Datasheet
127Kb / 1P
Fade conrtol for popular type audio mixers, musical keyboards
More results

Similar Description - S511HA

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
R12712BS1 PRODUCTWELL-R12712BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723BS1 PRODUCTWELL-R12723BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723CS1 PRODUCTWELL-R12723CS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R16311DB1 PRODUCTWELL-R16311DB1_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
R16311EB1 PRODUCTWELL-R16311EB1_14 Datasheet
125Kb / 2P
ROTARY POTENTIOMETER
R16312DB2 PRODUCTWELL-R16312DB2_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com